Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMD31020BCC Datasheet(PDF) 5 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31020BCC
Description  Sensor Signal Conditioner
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31020BCC Datasheet(HTML) 5 Page - Zentrum Mikroelektronik Dresden AG

  ZMD31020BCC Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCC Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCC Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCC Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCC Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCC Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCC Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCC Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCC Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19
5/19
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31020
Sensor Signal Conditioner
Datasheet
The digital signal correction takes place in the calibration micro-controller (CMC). It is based on a special
correction formula located in the ROM and on a set of sensor-specific calibration parameters stored in the
EEPROM. The resulting corrected sensor signal is output via the I
2C-interface (with 12 bits resolution) , or, after
conversion by the DAC, as analog voltage (with 11 bits resolution) at the buffer amplifier (BAMP). The
programming of the configuration data and of the calibration parameters into the EEPROM (during the
calibration procedure) is also realized via the I
2C interface.
Many of the following sections, describing each block of ZMD31020 in detail, will refer to configuration bits, part
of the configuration word stored under address &H09 of the parameter EEPROM. These bits are settings for a
number of on-chip device functions and select specific functional or parametrical behaviour.
The contents of the parameter EEPROM are determined and calculated, written and stored under PC-control
during the calibration procedure. Hence the configuration bits are coded and non-volatile stored once calibration
of a ZMD31020 device / sensor pair has taken place, and will remain unchanged during regular sensing
operation, unless re-calibration is performed
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
-
-
CH
TS
BP
G1
G0
O1
O0
Configuration word, stored under address &H09 of the parameter EEPROM
Only 7 bits of the configuration word are relevant settings as follows:
Bit 0, Bit 1
O0, O1: select ADC’s offset compensation
Bit 2, Bit 3
G0, G1: select PGA’s gain
Bit 4
BP: cross-switches differential sensor inputs VBP and VBN
Bit 5
TS: selects on-chip vs. off-chip temperature sensor
Bit 6
CH: enables PGA’s chopper-stabilization
The possible options of these settings are shown in table form in the following paragraphs.
ZMD31020 has been specifically designed for ratiometric differential sensors, e.g. Wheatstone bridge type
sensors. A ratiometric sensor typically generates a differential output signal proportional to the supply voltage
applied to it. The sensor is supplied from VDDB1 or VDDB2 (whichever pin/pad is more favourable layoutwise)
at the + side and tied to VSSB at the – side. The sensor's differential output signal is routed to VBP and VBN.
Sensor and signal conditioner ZMD31020 have the same supply (see block schematic in section 2.1), hence the
differential input voltage seen by ZMD31020 is ratiometric to it’s supply voltage.
The characteristic of a sensor element tends to change with temperature. To compensate for this, ZMD31020 is
equipped to measure temperature by an external diode or by an on-chip pn-junction. TS – configuration bit 5 –
will select the desired sensor option as follows:
TS
Temperature sensing diode
0
off chip
1
on chip
2.2 Configuration Word
2.3
Differential Sensor
2.4
Temperature Sensing


Similar Part No. - ZMD31020BCC

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010 ZMD-ZMD31010 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CEB ZMD-ZMD31010CEB Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CEC ZMD-ZMD31010CEC Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CED ZMD-ZMD31010CED Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
More results

Similar Description - ZMD31020BCC

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
   xMR Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
   Capacitive Sensor Signal Conditioner
logo
Texas Instruments
PGA301-Q1 TI1-PGA301-Q1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA400-Q1 TI1-PGA400-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
logo
Integrated Device Techn...
ZSSC416X IDT-ZSSC416X Datasheet
201Kb / 4P
   Sensor Signal Conditioner Family
logo
Texas Instruments
PGA400-EP TI1-PGA400-EP Datasheet
1Mb / 99P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com