Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPL9201PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPL9201PWPR
Description  MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL9201PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPL9201PWPR Datasheet HTML 1Page - Texas Instruments TPL9201PWPR Datasheet HTML 2Page - Texas Instruments TPL9201PWPR Datasheet HTML 3Page - Texas Instruments TPL9201PWPR Datasheet HTML 4Page - Texas Instruments TPL9201PWPR Datasheet HTML 5Page - Texas Instruments TPL9201PWPR Datasheet HTML 6Page - Texas Instruments TPL9201PWPR Datasheet HTML 7Page - Texas Instruments TPL9201PWPR Datasheet HTML 8Page - Texas Instruments TPL9201PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
DETAILED DESCRIPTION
TPL9201
MICROCONTROLLER POWER SUPPLY
AND MULTIPLE LOW-SIDE DRIVER
SLIS123A – JUNE 2006 – REVISED JUNE 2006
The 5-V regulator is powered from VIN, and the regulated output is within 5 V ±5% over the operating conditions.
The open-drain power-on reset (RST) pin remains low until the regulator exceeds the set threshold, and the
timer value set by the capacitor on the reset delay (RDELAY) pin expires. If both of these conditions are satisfied,
RST is asserted high. This signifies to the microcontroller that serial communications can be initiated to the
TPL9201.
The serial communications is an 8-bit format, with data transfer synchronized using a serial clock from the
microcontroller. A single register controls all the outputs (one bit per output). The default value is zero (OFF). If
an output requires pulse width modulation (PWM) function, the register must be updated at a rate faster than the
desired PWM frequency. OUT1 can be controlled by serial input from the microcontroller or with the dedicated
enable (EN1) pin. If EN1 is pulled low or left open, the serial input through the shift register controls OUT1. If
EN1 is pulled high, OUT1 always is turned on, and the serial input for OUT1 is ignored.
The SYN input translates the image of the mains voltage through the secondary of the transformer. The SYN
input has a resistor to protect from high currents into the IC. The zero-voltage synchronization output translates
the AC-line cycle frequency into a low-frequency clock, which can be used for a timing reference and to help
power loads on the AC-line peak voltage (to reduce in-rush currents).
If RST is asserted, all outputs are turned OFF internally, and the input register is reset to all zeroes. The
microcontroller must write to the register to turn the outputs ON again.
4
Submit Documentation Feedback


Similar Part No. - TPL9201PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL9201PWPR TI-TPL9201PWPR Datasheet
624Kb / 19P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
TPL9201PWPRG4 TI-TPL9201PWPRG4 Datasheet
624Kb / 19P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
More results

Similar Description - TPL9201PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC9201 TI-TPIC9201_08 Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202 Datasheet
491Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201 TI-TPIC9201 Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202_07 Datasheet
547Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com