All dimensions are in inches (millimeters)
.77
(19.6)
1.37
(34.8)
.025 SQ. PINS
ON .100 CENTERS
.85
(21.6)
1.87
(47.5)
1.60
(40.6)
MOUNTING HOLE/SLOT
.017 (4.3) DIA.
2 PLC'S
-DC SECTION
A
-DC SECTION
B
A1
A2
120/24OV - 20A
120/24OV - 20A
C1
C2
-DC SECTION
C
+DC COMMON
-DC SECTION
D
B1
B2
D1 D2
120/24OV - 20A
120/24OV - 20A
.375
(9.5)
1.80
(45.7)
2.30
(58.4)
1.126
(28.6)
.250 X .032 FASTON
TERMINAL
(8 PLACES)
AVAILABLE OPTIONS
-10
Random Turn-On, Phase Controllable
Example: TD242 0Q-10
GENERAL SPECIFICATIONS
Dielectric Strength 50/60Hz Input/Output/Base
2500 Vrms
Insulation Resistance (Min.) @ 500 Vdc
109 Ohm
Max. Capacitance Input/Output
10 pF
Ambient Operating Temperature Range
-40 to 80˚C
Ambient Storage Temperature Range
-40 to 125˚C
M ECHANICAL SPECIFICATIONS
Weight: (typical)
3.5 oz. (109g)
Encapsulation:
Thermally Conductive Epoxy
Terminals:
.25Ó Faston, .025 Square Pins
100
80
40
0
15
30
60
45
20
40
60
80
Total Load Current [Arms]
Max Ambient Temp. [˚C]
90
105
75
0.25¼C/W
0.5¼C/W
1.0¼C/W
2.0¼C/W
5.0¼C/W
A1
LOAD A
A2
C1
C2
B1
B2
D1
D2
LOAD C
LOAD B
LOAD D
120/240Vrms
120/240Vrms
120/240Vrms
120/240Vrms
-- DC SECTION C
-- DC SECTION A
+ DC COMMON
-- DC SECTION B
-- DC SECTION D
Crydom Heat Sinks
offer excellent
thermal management and are per-
fectly matched to the load current
ratings of Crydom panel mount
relays. Request Crydom's Heat Sink
specification sheet for all the details.
CURRENT DERATING CURVES
WIRING DIAGRAM
FastFax Document No. 166
QUAD
Rev. 041902
PAGE 2 OF 2
Quad Relay
20Amp • 120/240 Vac • AC Output
©2002 CRYDOM CORP, Specifications subject to change without notice.
APPROVALS
UL
E116949
CSA LR81689
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506