Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7MH240FK Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7MH240FK
Description  3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH240FK Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7MH240FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MH240FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MH240FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MH240FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MH240FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MH240FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MH240FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MH240FK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC7MH240,244FK
2001-10-23
3
Maximum Ratings
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
-0.5~7.0
V
DC input voltage
VIN
-0.5~7.0
V
DC output voltage
VOUT
-0.5~VCC + 0.5
V
Input diode current
IIK
-20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±75
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
-65~150
°C
Recommended Operating Conditions
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0~5.5
V
Input voltage
VIN
0~5.5
V
Output voltage
VOUT
0~VCC
V
Operating temperature
Topr
-40~85
°C
0~100 (VCC = 3.3 ± 0.3 V)
Input rise and fall time
dt/dv
0~20 (VCC = 5 ± 0.5 V)
ns/V


Similar Part No. - TC7MH240FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH240FK TOSHIBA-TC7MH240FK Datasheet
194Kb / 8P
   Octal Bus Buffer
TC7MH240FK TOSHIBA-TC7MH240FK_07 Datasheet
194Kb / 8P
   Octal Bus Buffer
More results

Similar Description - TC7MH240FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC240F TOSHIBA-TC74VHC240F_12 Datasheet
210Kb / 10P
   Inverted, 3-State Outputs or Non-Inverted, 3-State Outputs
TC7W240FU TOSHIBA-TC7W240FU Datasheet
189Kb / 4P
   INVERTED, 3-STATE OUTPUTS
TC7W240FU TOSHIBA-TC7W240FU_01 Datasheet
207Kb / 5P
   INVERTED, 3-STATE OUTPUTS
TC7MH540FK TOSHIBA-TC7MH540FK Datasheet
152Kb / 8P
   Inverted, 3-State Outputs
TC7MET240AFK TOSHIBA-TC7MET240AFK_07 Datasheet
189Kb / 7P
   Inverted, 3-State Outputs
TC7MH367FK TOSHIBA-TC7MH367FK Datasheet
151Kb / 8P
   TC7MH367FK Non-Inverted, 3-State Outputs TC7MH368FK Inverted, 3-State Outputs
logo
Renesas Technology Corp
HD74HC442 RENESAS-HD74HC442 Datasheet
189Kb / 8P
   Quad. Tridirectional Bus Transceiver(with noninverted 3-state outputs)/(with inverted 3-state outputs)/(with noninverted/inverted 3-state outputs)
logo
Toshiba Semiconductor
TC7W241FU TOSHIBA-TC7W241FU Datasheet
188Kb / 4P
   NON-INVERTED, 3-STATE OUTPUTS
logo
Diodes Incorporated
74AVC1T45 DIODES-74AVC1T45 Datasheet
553Kb / 17P
   TRANSCEIVER WITH 3 STATE OUTPUTS
logo
Toshiba Semiconductor
TC7W241FU TOSHIBA-TC7W241FU_01 Datasheet
208Kb / 5P
   NON-INVERTED, 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com