Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16540DGG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVCH16540DGG
Description  2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16540DGG Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVCH16540DGG Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16540
16-bit buffer/line driver, inverting,
5V input tolerant (3-State)
1997 Aug 11
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 24
nOE1
Output enable input
(active LOW)
2, 3, 5, 6, 8, 9,
11, 12
1Y0 to 1Y7
Data outputs
13, 14, 16, 17,
19, 20, 22, 23
2Y0 to 2Y7
Data outputs
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply voltage
25, 48
nOE2
Output enable input
(active LOW)
36, 35, 33, 32,
30, 29, 27, 26
2A0 to 2A7
Data inputs
47, 46, 44, 43,
41, 40, 38, 37
1A0 to 1A7
Data inputs
LOGIC SYMBOL
1A0
47
2
1Y0
1A1
46
3
1Y1
1A2
44
5
1Y2
1A3
43
6
1Y3
1A4
41
8
1Y4
1A5
40
9
1Y5
1A6
38
11
1Y6
1A7
37
12
1Y7
1OE1
1
1OE2
48
2A0
36
13
2Y0
2A1
35
14
2Y1
2A2
33
16
2Y2
2A3
32
17
2Y3
2A4
30
19
2Y4
2A5
29
20
2Y5
2A6
27
22
2Y6
2A7
26
23
2Y7
2OE1
24
2OE2
25
SW00109
FUNCTION TABLE
INPUTS
OUTPUT
nOE1
nOE2
nAn
nYn
L
L
L
H
L
L
H
L
X
H
X
Z
H
X
X
Z
H = HIGH voltage level
L = LOW voltage level
X = don’t care
Z = high impedance OFF-state
LOGIC SYMBOL (IEEE/IEC)
48
1
46
44
43
41
40
38
37
36
EN2
1
2
1
1
25
24
47
35
33
32
30
29
27
26
3
2
5
6
8
9
11
12
13
14
16
17
19
20
22
23
SW00110
1OE1
1OE2
2OE1
2OE2
1A0
1A1
1A2
1A3
1A4
1A5
1A6
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
1Y0
1Y1
1Y2
1Y3
1Y4
1Y5
1Y6
1Y7
2Y0
2Y1
2Y2
2Y3
2Y4
2Y7
1A7
2Y5
2Y6
&
&
EN1
BUS HOLD CIRCUIT
To internal circuit
VCC
Data Input
SW00044


Similar Part No. - 74ALVCH16540DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16543 PHILIPS-74ALVCH16543 Datasheet
89Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
NXP Semiconductors
74ALVCH16543DGG PHILIPS-74ALVCH16543DGG Datasheet
89Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543DGG NEXPERIA-74ALVCH16543DGG Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
Texas Instruments
74ALVCH16543DGGRE4 TI1-74ALVCH16543DGGRE4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16540DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
logo
Nexperia B.V. All right...
74LVC16240A NEXPERIA-74LVC16240A Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
logo
NXP Semiconductors
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
   2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
74ALVT16541 PHILIPS-74ALVT16541 Datasheet
81Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com