Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9318FA Datasheet(PDF) 11 Page - Silan Microelectronics Joint-stock

Part # SC9318FA
Description  DIGITAL TUNING SYSTEM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9318FA Datasheet(HTML) 11 Page - Silan Microelectronics Joint-stock

Back Button SC9318FA Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9318FA Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9318FA Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9318FA Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9318FA Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9318FA Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9318FA Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC9318FA Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC9318FA Datasheet HTML 15Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
SC9318-033
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2003.05.20
Http: www.silan.com.cn
Page 11 of 29
KEY MATRIX (AD IN1 AND AD IN2)
AD1
AD2
1
7
2
8
3
9
4
0
5
FM
6/+5
AM
KEY MATRIX EXPLANATION OF FUNCTION
Symbol
Explanation of function
0~9
+5
Calling and writing preset memory.
Indirect tuning mode, used for input frequency
AM
FM
Indirect tuning mode. Changing direct tuning mode of each band.
When the key pushing again, mode is released.
BAND/DUAL
The receiving band is changed.
In clock mode, the two clocks is changed cyclically
MEMORY/ CK
ADJ
The writing preset memory in frequency display.
The clock adjustment in clock display.
UP/ HOUR
The receiving frequency is up.
The hour of time is up in clock adjustment mode.
DOWN/ MIN
The receiving frequency is down.
The minute of time is up in clock adjustment mode.
Minc
Mdec
In calling and writing preset memory, select of channel.
ALARM
The alarm function is on/off
SLEEP
The sleep function is on/off
DIODE MATRIX
EXPLANATION OF FUNCTION
Symbol
Explanation of function
A0
A1
Setting area
A1
A0
ARAE
0
0
U.S.A
0
1
General
1
0
Europe/ E-Europe
1
1
Japan
SW0
SW1
Setting of the receiving band of SW
SW1
SW0
Receiving band (MHz)
Note
0
0
No SW
0
1
5.95~15.6
SWA
1
0
3.80~12.50
SWB
(To be continued)


Similar Part No. - SC9318FA

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9318FA-033 SILAN-SC9318FA-033 Datasheet
469Kb / 28P
   DTS MICROCONTROLLER FOR PORTABLE RADIO RECEIVER
SC9318FA033 SILAN-SC9318FA033 Datasheet
469Kb / 28P
   DTS MICROCONTROLLER FOR PORTABLE RADIO RECEIVER
More results

Similar Description - SC9318FA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9321F-003 TOSHIBA-TC9321F-003 Datasheet
207Kb / 4P
   DIGITAL TUNING SYSTEM
TC9318FB-001 TOSHIBA-TC9318FB-001 Datasheet
195Kb / 4P
   DIGITAL TUNING SYSTEM
TC9321F-005 TOSHIBA-TC9321F-005 Datasheet
208Kb / 4P
   DIGITAL TUNING SYSTEM
TC9309F-059 TOSHIBA-TC9309F-059 Datasheet
230Kb / 4P
   DIGITAL TUNING SYSTEM
TC9316F-026 TOSHIBA-TC9316F-026 Datasheet
122Kb / 3P
   DIGITAL TUNING SYSTEM
TC9316F-027 TOSHIBA-TC9316F-027 Datasheet
115Kb / 3P
   DIGITAL TUNING SYSTEM
TC9418FN TOSHIBA-TC9418FN Datasheet
899Kb / 21P
   PLL FOR DIGITAL TUNING SYSTEM
logo
Hitachi Semiconductor
HD10551 HITACHI-HD10551 Datasheet
106Kb / 4P
   Prescaler for Digital Tuning System
logo
Silan Microelectronics ...
SC72131 SILAN-SC72131 Datasheet
215Kb / 10P
   PLL FOR DIGITAL TUNING SYSTEM(DTS)
logo
Toshiba Semiconductor
TC9309F-107 TOSHIBA-TC9309F-107 Datasheet
159Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com