Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16540DL Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74ALVCH16540DL
Description  2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16540DL Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVCH16540DL Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16540
2.5V/3.3V 16-bit buffer/line driver, inverting,
5V input tolerant (3-State)
1997 Aug 11
11
NOTES


Similar Part No. - 74ALVCH16540DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16543 PHILIPS-74ALVCH16543 Datasheet
89Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
NXP Semiconductors
74ALVCH16543DGG PHILIPS-74ALVCH16543DGG Datasheet
89Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543DGG NEXPERIA-74ALVCH16543DGG Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
Texas Instruments
74ALVCH16543DGGRE4 TI1-74ALVCH16543DGGRE4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16540DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
logo
Nexperia B.V. All right...
74LVC16240A NEXPERIA-74LVC16240A Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
logo
NXP Semiconductors
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
   2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
74ALVT16541 PHILIPS-74ALVT16541 Datasheet
81Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com