Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4215-25JC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C4215-25JC
Description  64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4215-25JC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C4215-25JC Datasheet HTML 1Page - Cypress Semiconductor CY7C4215-25JC Datasheet HTML 2Page - Cypress Semiconductor CY7C4215-25JC Datasheet HTML 3Page - Cypress Semiconductor CY7C4215-25JC Datasheet HTML 4Page - Cypress Semiconductor CY7C4215-25JC Datasheet HTML 5Page - Cypress Semiconductor CY7C4215-25JC Datasheet HTML 6Page - Cypress Semiconductor CY7C4215-25JC Datasheet HTML 7Page - Cypress Semiconductor CY7C4215-25JC Datasheet HTML 8Page - Cypress Semiconductor CY7C4215-25JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
CY7C4425/4205/4215
CY7C4225/4235/4245
2
Logic Block Diagram
42X5–1
THREE–STATE
OUTPUT REGISTER
READ
CONTROL
FLAG
LOGIC
WRITE
CONTROL
WRITE
POINTER
READ
POINTER
RESET
LOGIC
EXPANSION
LOGIC
INPUT
REGISTER
FLAG
PROGRAM
REGISTER
D0– 17
REN
RCLK
FF
EF
PAE
Q0– 17
WEN
WCLK
RS
FL/RT
WXI
OE
DUAL PORT
RAM ARRAY
64 x 18
256 x 18
512 x 18
1K x 18
2K x 18
4K x 18
PAF
WXO/HF
RXI
RXO
SMODE
Pin Configurations
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
67
Top View
60
59
58
57
56
55
54
53
52
51
50
49
48
3132 33 34 35 36 37 38 3940
4142 43
5
4
3
2 1 68
66 656463 62 61
Q14
Q13
GND
Q12
Q11
VCC
Q10
Q9
GND
Q8
Q7
VCC
D14
D13
D12
D11
D10
D9
VCC
D8
GND
D7
D6
D5
D4
2728 2930
98
7
6
47
46
45
44
Q6
Q5
GND
Q4
D3
D2
D1
D0
25
26
VCC/SMODE
42x5–2
TQFP
Top View
42X5–3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
16
PLCC
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D15
Q14
Q13
GND
Q12
Q11
VCC
Q10
Q9
GND
Q8
Q7
Q6
Q5
GND
Q4
VCC
CY7C4425
CY7C4205
CY7C4215
CY7C4225
CY7C4235
CY7C4245
CY7C4425
CY7C4205
CY7C4215
CY7C4225
CY7C4235
CY7C4245


Similar Part No. - CY7C4215-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4215-15AXI CYPRESS-CY7C4215-15AXI Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
More results

Similar Description - CY7C4215-25JC

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com