Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4215-25AC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C4215-25AC
Description  64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4215-25AC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C4215-25AC Datasheet HTML 7Page - Cypress Semiconductor CY7C4215-25AC Datasheet HTML 8Page - Cypress Semiconductor CY7C4215-25AC Datasheet HTML 9Page - Cypress Semiconductor CY7C4215-25AC Datasheet HTML 10Page - Cypress Semiconductor CY7C4215-25AC Datasheet HTML 11Page - Cypress Semiconductor CY7C4215-25AC Datasheet HTML 12Page - Cypress Semiconductor CY7C4215-25AC Datasheet HTML 13Page - Cypress Semiconductor CY7C4215-25AC Datasheet HTML 14Page - Cypress Semiconductor CY7C4215-25AC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
CY7C4425/4205/4215
CY7C4225/4235/4245
11
Notes:
23. PAF offset = m. Number of data words written into FIFO already = 64 – m + 1 for the CY7C4425, 256 – m + 1 for the CY7C4205, 512 – m + 1 for the
CY7C4215. 1024 – m + 1 for the CY7C4225, 2048 – m + 1 for the CY7C4235, and 4096 – m + 1 for the CY7C4245.
24. PAF is offset = m.
25. 64 – m words in CY7C4425, 256 – m words inCY7C4205, 512 – m word in CY7C4215. 1024 – m words in CY7C4225, 2048 – m words in CY7C4235, and
4096 – m words in CY7C4245.
26. 64 – m + 1 words in CY7C4425, 256 – m + 1 words in CY7C4205, 512 – m +1 words in CY7C4215, 1024 – m + 1 CY7C4225, 2048 – m + 1 in CY74235,
and 4096 – m + 1 words in CY7C4245.
27. If a write is performed on this rising edge of the write clock, there will be Full – (m – 1) words of the FIFO when PAF goes LOW.
28. PAF offset = m.
29. 64 – m words in CY7C4425, 256 – m words in FIFO for CY7C4205, 512 – m word in CY7C4215. 1024 – m words in CY7C4225, 2048 – m words in CY7C4235,
and 4096 – m words in CY7C4245.
30. tSKEW3 is the minimum time between a rising RCLK and a rising WCLK edge for PAF to change state during that clock cycle. If the time between the edge of RCLK and the
rising edge of WCLK is less than tSKEW3, then PAF may not change state until the next WCLK rising edge.
Switching Waveforms (continued)
Note
tENH
WEN
WCLK
REN
RCLK
tCLKH
tPAF
tENS
tCLKL
tENS
tPAF
42X5–15
FULL
− M WORDS
IN FIFO
FULL
− M + 1 WORDS
IN FIFO
Programmable Almost Full Flag Timing
[26]
PAF
[24]
23
[25]
Note
Note
tENH
WCLK
PAF
RCLK
tCLKH
tENS
FULL
− M WORDS
IN FIFO
tCLKL
tENS
FULL-
M+1
Ω ORDS
INFIFO
42X5–16
tENH
tENS
tENH
tENS
tPAF
REN
WEN2
tSKEW3
tPAFsynch
[30]
28
27
WEN
Programmable Almost Full Flag Timing (applies only in SMODE (SMODE in LOW))
[29]


Similar Part No. - CY7C4215-25AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4215-15AXI CYPRESS-CY7C4215-15AXI Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
More results

Similar Description - CY7C4215-25AC

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com