Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DS8881 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. DS8881
Description  Vacuum Fluorescent Display Driver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

   
 1 page
background image
TLF5846
May 1988
DS8881 Vacuum Fluorescent Display Driver
General Description
The DS8881 vacuum fluorescent display driver will drive
16-digit grids of a vacuum fluorescent display The decode
inputs select one of the sixteen outputs to be pulled high
The device contains an oscillator for supplying clock signals
to the MOS circuit the filament bias zener and 50 kX pull-
down resistors for each grid Outputs will source up to 7 mA
The DS8881 is designed for 9V operation If the enable in-
put is pulled low all outputs are disabled
Features
Y
Oscillator frequency accuracy and stability allows maxi-
mum system speed
Y
Interdigit blanking with the enable input provides ghost-
free display operation
Y
50 kX pull-down resistors for each grid
Y
7V filament bias zener
Connection Diagram
TLF5846 – 1
Top View
Order Number DS8881N
See NS Package Number N28B
Truth Table All outputs now shown high are off (low)
Inputs
Digit Outputs
EN
D
C
B
A
0123456789
10
11
12
13
14
15
H
LLLL
H
H
LLL
H
H
H
L
LHL
H
HL
L
H
H
H
H
LHL
L
H
H
LHLH
H
HL
H
H
L
H
H
L
HHH
H
H
H
LLL
H
HH
L
L
H
H
H
HLHL
H
H
HLH
H
H
HH
H
L
L
H
H
H
HLH
H
H
HHH
L
H
H
HHHH
H
L
XXXX
L
LLLLLLLLL
L
L
L
L
L
L
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSC120942-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
ML9209Vacuum fluorescent display tube controller driver 1 2 3 4 5 MoreOKI electronic componets
ML9261A60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
6118VACUUM FLUORESCENT DISPLAY DRIVER 1 2 3 4 5 MoreAllegro MicroSystems
CS1087Vacuum Fluorescent Display Tube Driver 1 2 3 4 5 MoreON Semiconductor
CS1089Vacuum Fluorescent Display Tube Driver 1 2 3 4 5 MoreON Semiconductor
LM9022Vacuum Fluorescent Display Filament Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
ML926160-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
STV7710Vacuum Fluorescent Display VFD Driver 1 2 3 4 5 MoreSTMicroelectronics
MSC1162A40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl