Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DS8881 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. DS8881
Description  Vacuum Fluorescent Display Driver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

   
 3 page
background image
Switching Characteristics TA e 25 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0
Propagation Delay to a Logical ‘‘0’’
1
m
s
from Enable Input to Digit Output
tpd0
Propagation Delay to a Logical ‘‘0’’
1
m
s
A B C D to Digit Output
RL e 47 kX CL e 50 pF VBB eb23V VSS e 8V
tpd1
Propagation Delay to a Logical ‘‘1’’
300
ns
from Enable Input to Digit Output
tpd1
Propagation Delay to a Logical ‘‘1’’
500
ns
from A B C D to Digit Output
tFALL
Oscillator Output Transition Time
VSS e 95V RL e 6k to VSS CL e 25 pF
50
ns
from1to0
fOSC
Oscillator Frequency
7V k VSS k 95V RT e 27 kX g2% RL e 13k
320
360
400
kHz
dc
Oscillator Duty Cycle
CT e 100 pF g5% CL e 50 pF
46
56
66
%
AC Test Circuit
TLF5846 – 2
3




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSC120942-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
ML9209Vacuum fluorescent display tube controller driver 1 2 3 4 5 MoreOKI electronic componets
ML9261A60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
6118VACUUM FLUORESCENT DISPLAY DRIVER 1 2 3 4 5 MoreAllegro MicroSystems
CS1087Vacuum Fluorescent Display Tube Driver 1 2 3 4 5 MoreON Semiconductor
CS1089Vacuum Fluorescent Display Tube Driver 1 2 3 4 5 MoreON Semiconductor
LM9022Vacuum Fluorescent Display Filament Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
ML926160-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
STV7710Vacuum Fluorescent Display VFD Driver 1 2 3 4 5 MoreSTMicroelectronics
MSC1162A40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl