Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DS8881 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. DS8881
Description  Vacuum Fluorescent Display Driver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

   
 2 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VSS–VBB)
38V
Input Current
10 mA
Output Current
b
20 mA
Storage Temperature
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Molded Package
2168 mW
Lead Temperature (Soldering 4 sec)
260 C
Derate molded package 1735 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage
VSS
50
95
V
VBB
Gnd
b
26
V
Temperature (TA)0
a
70
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logical ‘‘1’’
VSS e Max
Enable
IIN e 260 mA
51
V
Input Voltage
A B C D
IIN e 1400 mA
15
V
IIH
Logical ‘‘1’’
VSS e Max
Enable A B C D
260
m
A
Input Current
VIL
Logical ‘‘0’’
VSS e Max
Enable
10
V
Input Voltage
A B C D
03
V
IIL
Logical ‘‘0’’
VSS e Max
Enable
VIN e 0V
b
10
m
A
Input Current
A B C D
VIN e VIL(MAX)
25
m
A
VOH
Logical ‘‘1’’
Digit Output IOH eb7mA
VSS b 25
V
Output Voltage
IOH
Logical ‘‘1’’
VSS e Max Osc Output VRC e 06V VOH e 10V
50
m
A
Output Current
IOS
Output Short-Circuit VSS e Min Pin R VRC e 06V VR e 0V
b
150
b
450
m
A
Current
ROUT
Output Pull-Down
VSS e Min Digit Output
30
50
85
kX
Resistor
VOL
Logical ‘‘0’’
VSS e Min
Osc
VRC e 16V
IOL e 6 mA
05
V
Output Voltage
Pin R
IOL e 60 mA
02
V
VSS e Max
Digit Output
VENABLE e 1V IOL e 10 mAVBB a 14
V
ISS
Supply Current
VSS e 95V IOH e 0VENABLE e 51V
90
125
mA
VENABLE e 1V
50
90
mA
IBB
Supply Current
VSS e 95V IB e 0
VENABLE e 1V
b
08
b
15
mA
VBB eb26V IIN e 300 mA
VENABLE e 51V
b
30
b
50
mA
(Note 4)
VB
Filament Bias
IB e 10 mA
VBB a 64 VBB a 69 VBB a 74
V
Voltage
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the 0 Cto a70 C range All typicals are given for TA e 25 C
Note 3
All currents into device pins shown as positive out of device pins as negative and all voltages referenced to ground unless otherwise noted All values
shown as max or min on absolute value basis
Note 4
Approximately 50% of input current on pins 4 5 6 7 is shunted to VBB If minimum IBB is desired then IIN should be minimized by using resistors in series
with the inputs
2




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSC120942-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
ML9209Vacuum fluorescent display tube controller driver 1 2 3 4 5 MoreOKI electronic componets
ML9261A60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
6118VACUUM FLUORESCENT DISPLAY DRIVER 1 2 3 4 5 MoreAllegro MicroSystems
CS1087Vacuum Fluorescent Display Tube Driver 1 2 3 4 5 MoreON Semiconductor
CS1089Vacuum Fluorescent Display Tube Driver 1 2 3 4 5 MoreON Semiconductor
LM9022Vacuum Fluorescent Display Filament Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
ML926160-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
STV7710Vacuum Fluorescent Display VFD Driver 1 2 3 4 5 MoreSTMicroelectronics
MSC1162A40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl