Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ7534 Datasheet(PDF) 1 Page - Tyco Electronics

Part # DQ7534
Description  SMD Shielded Base Plate Power Inductor Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DQ7534 Datasheet(HTML) 1 Page - Tyco Electronics

  DQ7534 Datasheet HTML 1Page - Tyco Electronics DQ7534 Datasheet HTML 2Page - Tyco Electronics DQ7534 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series Number
3003 9th Avenue SW
PO Box 50
Watertown, SD 57201
Toll free: 888-978-2638
Ph: 605-886-3326
Fax: 605-886-8995
SMD Shielded Base Plate Power Inductor Series; Part Numbering Sequence: ( Series Number ) - ( Suffix Code )(Tolerance), example DQ1260-220M
Bulk Packaging add (-B) to end of Part Numbering Sequence. example DQ1260-220M-B
Series
Number
Units
L
W
H
X
Y
Z
A
B
C
inches
0.256"
0.272"
0.118"
0.181"
0.043"
0.063"
0.069"
0.049"
0.171"
[ mm ]
[ 6.50 ]
[ 6.90 ]
[ 3.00 ]
[ 4.60 ]
[ 1.10 ]
[ 1.60 ]
[ 1.75 ]
[ 1.25 ]
[ 4.35 ]
inches
0.256"
0.272"
0.197"
0.181"
0.043"
0.063"
0.069"
0.049"
0.171"
[ mm ]
[ 6.50 ]
[ 6.90 ]
[ 5.00 ]
[ 4.60 ]
[ 1.10 ]
[ 1.60 ]
[ 1.75 ]
[ 1.25 ]
[ 4.35 ]
inches
0.295"
0.295"
0.134"
0.197"
0.047"
0.079"
0.084"
0.052"
0.189"
[ mm ]
[ 7.50 ]
[ 7.50 ]
[ 3.40 ]
[ 5.00 ]
[ 1.20 ]
[ 2.00 ]
[ 2.13 ]
[ 1.33 ]
[ 4.80 ]
inches
0.295"
0.295"
0.177"
0.197"
0.047"
0.079"
0.084"
0.052"
0.189"
[ mm ]
[ 7.50 ]
[ 7.50 ]
[ 4.50 ]
[ 5.00 ]
[ 1.20 ]
[ 2.00 ]
[ 2.13 ]
[ 1.33 ]
[ 4.80 ]
inches
0.504"
0.504"
0.236"
0.315"
0.087"
0.197"
0.202"
0.084"
0.307"
[ mm ]
[ 12.80 ]
[ 12.80 ]
[ 6.00 ]
[ 8.00 ]
[ 2.20 ]
[ 5.00 ]
[ 5.13 ]
[ 2.13 ]
[ 7.80 ]
inches
0.504"
0.504"
0.315"
0.315"
0.087"
0.197"
0.202"
0.084"
0.307"
[ mm ]
[ 12.80 ]
[ 12.80 ]
[ 8.00 ]
[ 8.00 ]
[ 2.20 ]
[ 5.00 ]
[ 5.13 ]
[ 2.13 ]
[ 7.80 ]
DQ6530
DQ6545
DQ7534
DQ7545
DQ1260
DQ1280
L
1
Suffix
DCR
2
ISAT
3
Tolernace
DCR
2
ISAT
3
Tolernace
DCR
2
ISAT
3
Tolernace
DCR
2
ISAT
3
Tolernace
DCR
2
ISAT
3
Tolernace
DCR
2
ISAT
3
Tolernace
µH
Codes
A
Suffix
4
A
Suffix
4
A
Suffix
4
A
Suffix
4
A
Suffix
4
A
Suffix
4
0.33
R33
0.017
8.50
M
1.0
1R0
0.0093
7.97
M
1.2
1R2
0.009
9.80
M
1.5
1R5
0.003
16.00
M
0.003
25.00
M
2.4
2R4
0.009
13.50
M
0.012
8.00
M
3.3
3R3
0.068
1.940
M
0.030
4.50
M
0.007
12.70
M
3.5
3R5
0.014
7.50
M
4.7
4R7
0.080
1.630
M
0.06
2.50
M
0.018
10.00
M
0.016
13.50
M
5.5
5R5
0.096
1.400
M
6.1
6R1
0.018
6.60
M
6.8
6R8
0.018
12.00
M
7.6
7R6
0.020
5.90
M
10
100
0.15
1.10
M
0.12
1.35
M
0.072
1.68
M
0.049
1.84
M
0.025
4.00
M
0.022
5.40
M
12
120
0.20
1.00
M
0.13
1.22
M
0.098
1.52
M
0.058
1.71
M
0.027
3.50
M
0.025
4.90
M
15
150
0.23
0.90
M
0.18
1.11
M
0.130
1.33
M
0.081
1.47
M
0.030
3.30
M
0.027
4.50
M
18
180
0.27
0.80
M
0.24
1.02
M
0.140
1.20
M
0.091
1.31
M
0.034
3.00
M
0.040
3.90
M
22
220
0.34
0.74
M
0.27
0.91
M
0.190
1.07
M
0.110
1.23
M
0.036
2.80
M
0.044
3.60
M
27
270
0.38
0.66
M
0.30
0.82
M
0.210
0.96
M
0.150
1.12
M
0.051
2.30
M
0.046
3.40
M
33
330
0.45
0.59
M
0.33
0.74
M
0.240
0.91
M
0.170
0.96
M
0.057
2.10
M
0.065
3.00
M
39
390
0.49
0.54
M
0.37
0.69
M
0.320
0.77
M
0.230
0.91
M
0.068
2.00
M
0.073
2.75
M
47
470
0.69
0.50
M
0.52
0.62
M
0.360
0.76
M
0.260
0.88
M
0.075
1.80
M
0.100
2.50
M
56
560
0.78
0.46
M
0.56
0.58
M
0.470
0.68
M
0.350
0.75
M
0.110
1.70
M
0.110
2.35
M
68
680
1.07
0.42
M
0.63
0.51
M
0.520
0.61
M
0.380
0.69
M
0.120
1.50
M
0.140
2.10
M
82
820
1.21
0.38
M
0.71
0.46
M
0.690
0.57
M
0.430
0.61
M
0.140
1.40
M
0.160
1.95
M
100
101
1.39
0.34
M
1.03
0.42
M
0.790
0.50
M
0.610
0.60
M
0.160
1.30
M
0.220
1.70
M
120
121
1.90
0.31
M
1.15
0.38
M
0.890
0.49
M
0.660
0.52
M
0.170
1.10
M
0.250
1.60
M
150
151
2.18
0.28
M
1.68
0.35
M
1.270
0.43
M
0.880
0.46
M
0.230
1.00
M
0.280
1.42
M
180
181
2.77
0.26
M
1.87
0.32
M
1.450
0.39
M
0.980
0.42
M
0.290
0.90
M
0.350
1.30
M
220
221
3.12
0.23
M
2.08
0.29
M
1.650
0.35
M
1.170
0.36
M
0.400
0.80
M
0.390
1.16
M
270
271
4.38
0.22
M
2.37
0.26
M
2.310
0.32
M
1.640
0.34
M
0.460
0.75
M
0.560
1.06
M
330
331
4.94
0.19
M
2.67
0.23
M
2.620
0.28
M
1.860
0.32
M
0.510
0.68
M
0.640
0.95
M
390
391
2.94
0.22
M
2.940
0.26
M
2.850
0.29
M
0.690
0.65
M
0.700
0.88
M
470
471
3.93
0.20
M
4.180
0.24
M
3.010
0.26
M
0.770
0.58
M
0.980
0.79
M
560
561
5.43
0.18
M
4.670
0.22
M
3.620
0.23
M
0.860
0.54
M
1.070
0.93
M
680
681
7.32
0.17
M
5.730
0.19
M
4.630
0.22
M
1.200
0.48
M
1.460
0.67
M
820
821
8.24
0.15
M
6.540
0.18
M
5.200
0.20
M
1.340
0.43
M
1.640
0.60
M
1000
102
9.26
0.14
M
9.440
0.16
M
6.000
0.18
M
1.530
0.40
M
1.820
0.55
M
1. Inductance measured at 100kHz and 250mV.
2. Direct Current Resistances (DCR) are maximum values.
3. Typical inductance roll off of 35% at IDC max.
4. Suffix of M=20%.
Call Toll Free: 888-978-2638 Website: www.tycopowercomponents.com
DQ1260
DQ1280
DQ6530
DQ6545
DQ7534
DQ7545
Reference Dimensions
DQ1280
DQ6530
Maximum Dimensions
DQ6545
DQ7534
DQ7545
DQ1260
B
A
C
B
Suggested Land Pattern
Specifications subject to change without notice.
Features:
High energy storage and low resistance
Reliable surface mounting, flat top for pick
and place.
Smaller real estate than other common
inductors.
Robust temperature deflection to prevent
damage during solder reflow.
Tape and Reel mechanical specifications
available upon request.
Operating Temperature -40°C to +85°C.
Highly resistive core for EMI suppression
applications.
H
Z
X
Y
W
L
Suffix
Code


Similar Part No. - DQ7534

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DQ7534 ETC2-DQ7534 Datasheet
431Kb / 3P
   SMD Shielded Base Plate Power Inductor Series
DQ7534 ETC2-DQ7534 Datasheet
431Kb / 3P
   SMD Shielded Base Plate Power Inductor Series; Part Numbering Sequence
More results

Similar Description - DQ7534

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DQ1280-100M ETC2-DQ1280-100M Datasheet
431Kb / 3P
   SMD Shielded Base Plate Power Inductor Series
DQ7545-101M ETC2-DQ7545-101M Datasheet
431Kb / 3P
   SMD Shielded Base Plate Power Inductor Series; Part Numbering Sequence
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com