Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS21FT44 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS21FT44
Description  4x3 Twelve Channel E1 Framer, 4x4 Sixteen Channel E1 Framer
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21FT44 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS21FT44 Datasheet HTML 3Page - Dallas Semiconductor DS21FT44 Datasheet HTML 4Page - Dallas Semiconductor DS21FT44 Datasheet HTML 5Page - Dallas Semiconductor DS21FT44 Datasheet HTML 6Page - Dallas Semiconductor DS21FT44 Datasheet HTML 7Page - Dallas Semiconductor DS21FT44 Datasheet HTML 8Page - Dallas Semiconductor DS21FT44 Datasheet HTML 9Page - Dallas Semiconductor DS21FT44 Datasheet HTML 10Page - Dallas Semiconductor DS21FT44 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
DS21FT44/DS21FF44
7 of 110
2. MCM LEAD DESCRIPTION
Lead Description Sorted by Symbol Table 2-1
Lead
Symbol
I/O
Description
B7
8MCLK
O
8.192 MHz Clock Based on CLKSI.
G20
A0
I
Address Bus Bit 0 (lsb).
H20
A1
I
Address Bus Bit 1.
G19
A2
I
Address Bus Bit 2.
H19
A3
I
Address Bus Bit 3.
G18
A4
I
Address Bus Bit 4.
H18
A5
I
Address Bus Bit 5.
G17
A6
I
Address Bus Bit 6.
H17
A7
I
Address Bus Bit 7 (msb).
W15
BTS
I
Bus Timing Select. 0 = Intel / 1 = Motorola.
B6
CLKSI
I
Reference clock for the 8.192MHz clock synthesizer.
T8
CS1*
I
Chip Select for Quad Framer 1.
Y4
CS2*
I
Chip Select for Quad Framer 2.
Y15
CS3*
I
Chip Select for Quad Framer 3.
E19
CS4*/NC
I
Chip Select for Quad Framer 4. NC on Four x Three.
L20
D0
I/O
Data Bus Bit 0 (lsb).
M20
D1
I/O
Data Bus Bit 1.
L19
D2
I/O
Data Bus Bit 2.
M19
D3
I/O
Data Bus Bit 3.
L18
D4
I/O
Data Bus Bit 4.
M18
D5
I/O
Data Bus Bit 5.
L17
D6
I/O
Data Bus Bit 6.
M17
D7
I/O
Data Bus Bit 7 (msb).
C7
DVDD1
Digital Positive Supply for Framer 1.
E4
DVDD1
Digital Positive Supply for Framer 1.
D2
DVDD1
Digital Positive Supply for Framer 1.
K3
DVDD2
Digital Positive Supply for Framer 2.
U7
DVDD2
Digital Positive Supply for Framer 2.
P2
DVDD2
Digital Positive Supply for Framer 2.
V19
DVDD3
Digital Positive Supply for Framer 3.
T12
DVDD3
Digital Positive Supply for Framer 3.
L16
DVDD3
Digital Positive Supply for Framer 3.
D17
DVDD4/NC
Digital Positive Supply for Framer 4. NC on Four x
Three.
F16
DVDD4/NC
Digital Positive Supply for Framer 4. NC on Four x
Three.
B11
DVDD4/NC
Digital Positive Supply for Framer 4. NC on Four x
Three.
E9
DVSS1
Digital Signal Ground for Framer 1.
A6
DVSS1
Digital Signal Ground for Framer 1.
D5
DVSS1
Digital Signal Ground for Framer 1.
U3
DVSS2
Digital Signal Ground for Framer 2.
K4
DVSS2
Digital Signal Ground for Framer 2.


Similar Part No. - DS21FT44

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21FT44 MAXIM-DS21FT44 Datasheet
696Kb / 117P
   x 3 12-Channel E1 Framer 4 x 4 16-Channel E1 Framer
071702
More results

Similar Description - DS21FT44

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21FF44 MAXIM-DS21FF44 Datasheet
696Kb / 117P
   x 3 12-Channel E1 Framer 4 x 4 16-Channel E1 Framer
071702
DS21Q43A MAXIM-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
092299
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
1Mb / 2P
   QUADRUPLE E1 FRAMER
PM6341 PMC-PM6341 Datasheet
934Kb / 2P
   E1 FRAMER/TRANSCEIVER
PM6341E1XC PMC-PM6341E1XC Datasheet
915Kb / 272P
   E1 FRAMER/TRANSCEIVER
PM6344-1 PMC-PM6344-1 Datasheet
1,017Kb / 256P
   QUADRUPLE E1 FRAMER
logo
Dallas Semiconductor
DS21Q43A DALLAS-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
67Kb / 2P
   Quad E1 Framer
PM6388 PMC-PM6388 Datasheet
66Kb / 4P
   Octal E1 Framer
PM6388 PMC-PM6388 Datasheet
2Mb / 345P
   OCTAL E1 FRAMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com