Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS18B20X Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS18B20X
Description  Flipchip 1-Wire Digital Thermometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20X Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS18B20X Datasheet HTML 3Page - Dallas Semiconductor DS18B20X Datasheet HTML 4Page - Dallas Semiconductor DS18B20X Datasheet HTML 5Page - Dallas Semiconductor DS18B20X Datasheet HTML 6Page - Dallas Semiconductor DS18B20X Datasheet HTML 7Page - Dallas Semiconductor DS18B20X Datasheet HTML 8Page - Dallas Semiconductor DS18B20X Datasheet HTML 9Page - Dallas Semiconductor DS18B20X Datasheet HTML 10Page - Dallas Semiconductor DS18B20X Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DS18B20X
7 of 21
CONFIGURATION REGISTER
Byte 4 of the scratchpad memory contains the configuration register, which is organized as illustrated in
Figure 8. The user can set the conversion resolution of the DS18B20X using the R0 and R1 bits in this
register as shown in Table 3. The power-up default of these bits is R0 = 1 and R1 = 1 (12-bit resolution).
Note that there is a direct tradeoff between resolution and conversion time. Bit 7 and bits 0-4 in the
configuration register are reserved for internal use by the device and cannot be overwritten; these bits will
return 1s when read.
CONFIGURATION REGISTER Figure 8
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
R1
R0
1
1
1
1
1
THERMOMETER RESOLUTION CONFIGURATION Table 3
R1
R0
Resolution
Max Conversion Time
0
0
9-bit
93.75 ms
(tCONV/8)
0
1
10-bit
187.5 ms
(tCONV/4)
1
0
11-bit
375 ms
(tCONV/2)
1
1
12-bit
750 ms
(tCONV)
CRC GENERATION
CRC bytes are provided as part of the DS18B20X’s 64-bit ROM code and in the 9
th byte of the
scratchpad memory. The ROM code CRC is calculated from the first 56 bits of the ROM code and is
contained in the most significant byte of the ROM. The scratchpad CRC is calculated from the data
stored in the scratchpad, and therefore it changes when the data in the scratchpad changes. The CRCs
provide the bus master with a method of data validation when data is read from the DS18B20X.
To
verify that data has been read correctly, the bus master must re-calculate the CRC from the received data
and then compare this value to either the ROM code CRC (for ROM reads) or to the scratchpad CRC (for
scratchpad reads). If the calculated CRC matches the read CRC, the data has been received error free. The
comparison of CRC values and the decision to continue with an operation are determined entirely by the
bus master.
There is no circuitry inside the DS18B20X that prevents a command sequence from
proceeding if the DS18B20X CRC (ROM or scratchpad) does not match the value generated by the bus
master.
The equivalent polynomial function of the CRC (ROM or scratchpad) is:
CRC = X
8 + X5 + X4 + 1
The bus master can re-calculate the CRC and compare it to the CRC values from the DS18B20X using
the polynomial generator shown in Figure 9. This circuit consists of a shift register and XOR gates, and
the shift register bits are initialized to 0. Starting with the least significant bit of the ROM code or the
least significant bit of byte 0 in the scratchpad, one bit at a time should shifted into the shift register.
After shifting in the 56
th bit from the ROM or the most significant bit of byte 7 from the scratchpad, the
polynomial generator will contain the re-calculated CRC. Next, the 8-bit ROM code or scratchpad CRC
from the DS18B20X must be shifted into the circuit. At this point, if the re-calculated CRC was correct,


Similar Part No. - DS18B20X

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20 Datasheet
183Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
More results

Similar Description - DS18B20X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
   Econo 1-Wire Digital Thermometer
2015
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
   Econo 1-Wire Digital Thermometer
101107
logo
Dallas Semiconductor
DS18S20 DALLAS-DS18S20 Datasheet
136Kb / 27P
   High Precision 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18S20-PAR MAXIM-DS18S20-PAR Datasheet
256Kb / 20P
   1-Wire Parasite-Power Digital Thermometer
111803
DS18S20 MAXIM-DS18S20_V01 Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
DS18B20-PAR MAXIM-DS18B20-PAR_07 Datasheet
227Kb / 19P
   1-Wire Parasite-Power Digital Thermometer
101207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com