Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH162601DGG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALVCH162601DGG
Description  18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH162601DGG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVCH162601DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1999 Oct 14
6
Philips Semiconductors
Product specification
18-bit universal bus transceiver with 30
termination resistor; 3-state
74ALVCH162601
handbook, full pagewidth
CPAB
OEAB
MNA289
18 IDENTICAL CHANNELS
CEAB
LEAB
CPBA
LEBA
CEBA
OEBA
CP
CE
C1
1D
CP
An
Bn
CE
C1
1D
Fig.3 Logic diagram (one section).


Similar Part No. - 74ALVCH162601DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH162601DGG NEXPERIA-74ALVCH162601DGG Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
More results

Similar Description - 74ALVCH162601DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH162601 PHILIPS-74ALVCH162601_15 Datasheet
104Kb / 20P
   18-bit universal bus transceiver with 30 W termination resistor; 3-state
1999 Oct 14
logo
Nexperia B.V. All right...
74ALVCH162601 NEXPERIA-74ALVCH162601 Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com