Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37064 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY37064
Description  5V, 3.3V, ISR High-Performance CPLDs
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37064 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY37064 Datasheet HTML 1Page - Cypress Semiconductor CY37064 Datasheet HTML 2Page - Cypress Semiconductor CY37064 Datasheet HTML 3Page - Cypress Semiconductor CY37064 Datasheet HTML 4Page - Cypress Semiconductor CY37064 Datasheet HTML 5Page - Cypress Semiconductor CY37064 Datasheet HTML 6Page - Cypress Semiconductor CY37064 Datasheet HTML 7Page - Cypress Semiconductor CY37064 Datasheet HTML 8Page - Cypress Semiconductor CY37064 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
5V, 3.3V, ISR™ High-Performance CPLDs
Ultra37000™ CPLD Family
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-03007 Rev. **
Revised March 15, 2001
Features
• In-System Reprogrammable™ (ISR™) CMOS CPLDs
— JTAG interface for reconfigurability
— Design changes don’t cause pinout changes
— Design changes don’t cause timing changes
• High density
— 32 to 512 macrocells
— 32 to 264 I/O pins
— 5 dedicated inputs including 4 clock pins
• Simple timing model
— No fanout delays
— No expander delays
— No dedicated vs. I/O pin delays
— No additional delay through PIM
— No penalty for using full 16 product terms
— No delay for steering or sharing product terms
• 3.3V and 5V versions
• PCI Compatible[1]
• Programmable Bus-Hold capabilities on all I/Os
• Intelligent product term allocator provides:
— 0 to 16 product terms to any macrocell
— Product term steering on an individual basis
— Product term sharing among local macrocells
• Flexible clocking
— 4 synchronous clocks per device
— Product Term clocking
— Clock polarity control per logic block
• Consistent package/pinout offering across all densities
— Simplifies design migration
— Same pinout for 3.3V and 5.0V devices
• Packages
— 44 to 400 Leads in PLCC, CLCC, PQFP, TQFP, CQFP,
BGA, and Fine-Pitch BGA packages
General Description
The Ultra37000™ family of CMOS CPLDs provides a range of
high-density programmable logic solutions with unparalleled
system performance. The Ultra37000 family is designed to
bring the flexibility, ease of use, and performance of the 22V10
to high-density CPLDs. The architecture is based on a number
of logic blocks that are connected by a Programmable Inter-
connect Matrix (PIM). Each logic block features its own prod-
uct term array, product term allocator, and 16 macrocells. The
PIM distributes signals from the logic block outputs and all in-
put pins to the logic block inputs.
All of the Ultra37000 devices are electrically erasable and In-
System Reprogrammable (ISR), which simplifies both design
and manufacturing flows, thereby reducing costs. The ISR fea-
ture provides the ability to reconfigure the devices without hav-
ing design changes cause pinout or timing changes. The
Cypress ISR function is implemented through a JTAG-compli-
ant serial interface. Data is shifted in and out through the TDI
and TDO pins, respectively. Because of the superior routability
and simple timing model of the Ultra37000 devices, ISR allows
users to change existing logic designs while simultaneously
fixing pinout assignments and maintaining system perfor-
mance.
The entire family features JTAG for ISR and boundary scan,
and is compatible with the PCI Local Bus specification, meet-
ing the electrical and timing requirements. The Ultra37000
family features user programmable bus-hold capabilities on all
I/Os.
Ultra37000 5.0V Devices
The Ultra37000 devices operate with a 5V supply and can sup-
port 5V or 3.3V I/O levels. VCCO connections provide the ca-
pability of interfacing to either a 5V or 3.3V bus. By connecting
the VCCO pins to 5V the user insures 5V TTL levels on the
outputs. If VCCO is connected to 3.3V the output levels meet
3.3V JEDEC standard CMOS levels and are 5V tolerant.
These devices require 5V ISR programming.
Ultra37000V 3.3V Devices
Devices operating with a 3.3V supply require 3.3V on all VCCO
pins, reducing the device’s power consumption. These devices
support 3.3V JEDEC standard CMOS output levels, and are
5V tolerant. These devices allow 3.3V ISR programming.
Note:
1.
Due to the 5V-tolerant nature of 3.3V device I/Os, the I/Os are not clamped to VCC, PCI VIH=2V.


Similar Part No. - CY37064

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37064 CYPRESS-CY37064 Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37064P CYPRESS-CY37064P Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37064P100-125AC CYPRESS-CY37064P100-125AC Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37064P100-125AC CYPRESS-CY37064P100-125AC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37064P100-125AI CYPRESS-CY37064P100-125AI Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
More results

Similar Description - CY37064

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37032 CYPRESS-CY37032 Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37512VP400-83BBXC CYPRESS-CY37512VP400-83BBXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
logo
Texas Instruments
PT8000 TI-PT8000 Datasheet
422Kb / 8P
[Old version datasheet]   60 Amp High-Performance Programmable ISR
logo
Micrel Semiconductor
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Texas Instruments
PT6305 TI-PT6305 Datasheet
319Kb / 3P
[Old version datasheet]   3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com