Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1383B-83AI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1383B-83AI
Description  51236/1M 횞 18 Flow-Thru SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1383B-83AI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1383B-83AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1383B-83AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1383B-83AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1383B-83AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1383B-83AI Datasheet HTML 9Page - Cypress Semiconductor CY7C1383B-83AI Datasheet HTML 10Page - Cypress Semiconductor CY7C1383B-83AI Datasheet HTML 11Page - Cypress Semiconductor CY7C1383B-83AI Datasheet HTML 12Page - Cypress Semiconductor CY7C1383B-83AI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
CY7C1381B
CY7C1383B
Document #: 38-05196 Rev. **
Page 9 of 31
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
ICCZZ
Sleep mode standby current
ZZ < VDD – 0.2V
20
mA
tZZS
Device operation to ZZ
ZZ < VDD – 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ
≤ 0.2V
2tCYC
ns
Cycle Descriptions[1, 2, 3]
Next Cycle
Add. Used
ZZ
CE3
CE2
CE1
ADSP
ADSC
ADV
OE
DQ
Write
Unselected
None
0
X
X
1
X
0
X
X
Hi-Z
X
Unselected
None
0
1
X
0
0
X
X
X
Hi-Z
X
Unselected
None
0
X
0
0
0
X
X
X
Hi-Z
X
Unselected
None
0
1
X
0
1
0
X
X
Hi-Z
X
Unselected
None
0
X
0
0
1
0
X
X
Hi-Z
X
Begin Read
External
0010
0
X
X
X
Hi-Z
X
Begin Read
External
0010
1
0
X
X
Hi-Z
Read
Continue Read
Next
0
X
X
X
1
1
0
1
Hi-Z
Read
Continue Read
Next
0
X
X
X
1
1
0
0
DQ
Read
Continue Read
Next
0
X
X
1
X
1
0
1
Hi-Z
Read
Continue Read
Next
0
X
X
1
X
1
0
0
DQ
Read
Suspend Read
Current
0
X
X
X
1
1
1
1
Hi-Z
Read
Suspend Read
Current
0
X
X
X
1
1
1
0
DQ
Read
Suspend Read
Current
0
X
X
1
X
1
1
1
Hi-Z
Read
Suspend Read
Current
0
X
X
1
X
1
1
0
DQ
Read
Begin Write
Current
0
X
X
X
1
1
1
X
Hi-Z
Write
Begin Write
Current
0
X
X
1
X
1
1
X
Hi-Z
Write
Begin Write
External
0010
1
0
X
X
Hi-Z
Write
Continue Write
Next
0
X
X
X
1
1
0
X
Hi-Z
Write
Continue Write
Next
0
X
X
1
X
1
0
X
Hi-Z
Write
Suspend Write
Current
0
X
X
X
1
1
1
X
Hi-Z
Write
Suspend Write
Current
0
X
X
1
X
1
1
X
Hi-Z
Write
ZZ “sleep”
None
1
X
X
X
X
X
X
X
Hi-Z
X
Note:
1.
X = ”Don't Care”, 1 = HIGH, 0 = LOW.
2.
The SRAM always initiates a Read cycle when ADSP asserted, regardless of the state of GW, BWE, or BWx. Writes may occur only on subsequent clocks
after the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the Write cycle to allow the outputs to three-state.
OE is a “Don't Care” for the remainder of the Write cycle.
3.
OE is asynchronous and is not sampled with the clock rise. It is masked internally during Write cycles. During a Read cycle, DQ = High-Z when OE is inactive
or when the device is deselected, and DQ = data when OE is active.


Similar Part No. - CY7C1383B-83AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C-100AC CYPRESS-CY7C1383C-100AC Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C-100AI CYPRESS-CY7C1383C-100AI Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C-100BGC CYPRESS-CY7C1383C-100BGC Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C-100BGI CYPRESS-CY7C1383C-100BGI Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1383B-83AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1381D CYPRESS-CY7C1381D_11 Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
   36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1380D CYPRESS-CY7C1380D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380DV33 CYPRESS-CY7C1380DV33 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com