Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH162601 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVCH162601
Description  18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH162601 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVCH162601 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1999 Oct 14
2
Philips Semiconductors
Product specification
18-bit universal bus transceiver with 30
termination resistor; 3-state
74ALVCH162601
FEATURES
• Complies with JEDEC standard
no. 8-1A
• CMOS low power consumption
• Direct interface with TTL levels
• MULTIBYTE™ flow-through
standard pin-out architecture
• Low inductance multiple VCC and
ground pins for minimum noise and
ground bounce
• All data inputs have bus hold
circuitry
• Integrated 30 Ω termination
resistors.
DESCRIPTION
The 74ALVCH162601 is an 18-bit universal transceiver featuring non-inverting
3-state bus compatible outputs in both send and receive directions. Data flow
in each direction is controlled by output enable (OEAB and OEBA), and clock
(CPAB and CPBA) inputs. For A-to-B data flow, the device operates in the
transparent mode when LEAB is HIGH. When LEAB is LOW, the A data is
latched if CPAB is held at a HIGH or LOW logic level. If LEAB is LOW, the A-bus
data is stored in the latch/flip-flop on the LOW-to-HIGH transition of CPAB.
When OEAB is LOW, the outputs are active. When OEAB is HIGH, the outputs
are in the high-impedance state. The clocks can be controlled with the
clock-enable inputs (CEBA/CEAB).
Data flow for B-to-A is similar to that of A-to-B but uses OEBA,LEBA and CPBA.
To ensure the high-impedance state during power-down, OEBA and OEAB
should be tied to VCC through a pull-up resistor, the minimum value of the
resistor is determined by the current-sinking/current-sourcing capability of the
driver.
The 74ALVCH162601 is designed with 30
Ω series resistors in both HIGH or
LOW output stage.
Active bus hold circuitry is provided to hold unused or floating data inputs at
a valid logic level.
QUICK REFERENCE DATA
Ground = 0; Tamb =25 °C; tr =tf = 2.5 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑ (CL × VCC2 × fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
propagation delay An,Bn to Bn,An
CL = 30 pF; VCC = 2.5 V
4.0
ns
CL = 50 pF; VCC = 3.3 V
3.1
ns
CI/O
input/output capacitance
8.0
pF
CI
input capacitance
4.0
pF
CPD
power dissipation capacitance per
latch
notes 1 and 2
outputs enabled
21
pF
outputs disabled
3
pF


Similar Part No. - 74ALVCH162601

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH162601 NEXPERIA-74ALVCH162601 Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
74ALVCH162601DGG NEXPERIA-74ALVCH162601DGG Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
Texas Instruments
74ALVCH162601DLG4 TI-74ALVCH162601DLG4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH162601DLRG4 TI-74ALVCH162601DLRG4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH162601GRE4 TI-74ALVCH162601GRE4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH162601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH162601 PHILIPS-74ALVCH162601_15 Datasheet
104Kb / 20P
   18-bit universal bus transceiver with 30 W termination resistor; 3-state
1999 Oct 14
logo
Nexperia B.V. All right...
74ALVCH162601 NEXPERIA-74ALVCH162601 Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com