Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4421-10AC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C4421-10AC
Description  64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4421-10AC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C4421-10AC Datasheet HTML 1Page - Cypress Semiconductor CY7C4421-10AC Datasheet HTML 2Page - Cypress Semiconductor CY7C4421-10AC Datasheet HTML 3Page - Cypress Semiconductor CY7C4421-10AC Datasheet HTML 4Page - Cypress Semiconductor CY7C4421-10AC Datasheet HTML 5Page - Cypress Semiconductor CY7C4421-10AC Datasheet HTML 6Page - Cypress Semiconductor CY7C4421-10AC Datasheet HTML 7Page - Cypress Semiconductor CY7C4421-10AC Datasheet HTML 8Page - Cypress Semiconductor CY7C4421-10AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CY7C4421/4201/4211/4221
CY7C4231/4241/4251
Document #: 38-06016 Rev. *A
Page 2 of 18
Functional Description
The CY7C42X1 provides four status pins: Empty, Full, Almost Empty,
Almost Full. The Almost Empty/Almost Full flags are programmable
to single word granularity. The programmable flags default to
Empty – 7 and Full – 7.
The flags are synchronous, i.e., they change state relative to
either the Read clock (RCLK) or the Write clock (WCLK).
When entering or exiting the Empty and Almost Empty states,
the flags are updated exclusively by the RCLK. The flags
denoting Almost Full, and Full states are updated exclusively
by WCLK. The synchronous flag architecture guarantees that
the flags maintain their status for at least one cycle.
All configurations are fabricated using advanced 0.65
µ N-Well
CMOS technology. Input ESD protection is greater than 2001V, and
latch-up is prevented by the use of guard rings.
Architecture
The CY7C42X1 consists of an array of 64 to 8K words of 9 bits
each (implemented by a dual-port array of SRAM cells), a
Read pointer, a Write pointer, control signals (RCLK, WCLK,
REN1, REN2, WEN1, WEN2, RS), and flags (EF, PAE, PAF, FF).
Resetting the FIFO
Upon power-up, the FIFO must be reset with a Reset (RS)
cycle. This causes the FIFO to enter the Empty condition
signified by EF being LOW. All data outputs (Q0–8) go LOW
tRSF after the rising edge of RS. In order for the FIFO to reset
to its default state, a falling edge must occur on RS and the
user must not read or Write while RS is LOW. All flags are
guaranteed to be valid tRSF after RS is taken LOW.
FIFO Operation
When the WEN1 signal is active LOW and WEN2 is active HIGH,
data present on the D0–8 pins is written into the FIFO on each
rising edge of the WCLK signal. Similarly, when the REN1 and
REN2 signals are active LOW, data in the FIFO memory will
be presented on the Q0–8 outputs. New data will be presented
on each rising edge of RCLK while REN1 and REN2 are
active. REN1 and REN2 must set up tENS before RCLK for it
to be a valid Read function. WEN1 and WEN2 must occur tENS
before WCLK for it to be a valid Write function.
An output enable (OE) pin is provided to three-state the Q0–8
outputs when OE is asserted. When OE is enabled (LOW),
data in the output register will be available to the Q0–8 outputs
after tOE.
The FIFO contains overflow circuitry to disallow additional
writes when the FIFO is full, and underflow circuitry to disallow
additional reads when the FIFO is empty. An empty FIFO
maintains the data of the last valid Read on its Q0–8 outputs
even after additional reads occur.
Write Enable 1 (WEN1). If the FIFO is configured for program-
mable flags, Write Enable 1 (WEN1) is the only Write enable
control pin. In this configuration, when Write Enable 1 (WEN1)
is LOW, data can be loaded into the input register and RAM
array on the LOW-to-HIGH transition of every Write clock
(WCLK). Data is stored is the RAM array sequentially and
independently of any on-going Read operation.
Write Enable 2/Load (WEN2/LD). This is a dual-purpose pin.
The FIFO is configured at Reset to have programmable flags
or to have two Write enables, which allows for depth
expansion. If Write Enable 2/Load (WEN2/LD) is set active
HIGH at Reset (RS = LOW), this pin operates as a second
Write enable pin.
If the FIFO is configured to have two Write enables, when
Write Enable (WEN1) is LOW and Write Enable 2/Load
(WEN2/LD) is HIGH, data can be loaded into the input register
and RAM array on the LOW-to-HIGH transition of every Write
clock (WCLK). Data is stored in the RAM array sequentially
and independently of any on-going Read operation.
Programming
When WEN2/LD is held LOW during Reset, this pin is the load
(LD) enable for flag offset programming. In this configuration,
WEN2/LD can be used to access the four 8-bit offset registers
contained in the CY7C42X1 for writing or reading data to these
registers.
Selection Guide
-10
-15
-25
Unit
Maximum Frequency
100
66.7
40
MHz
Maximum Access Time
8
10
15
ns
Minimum Cycle Time
10
15
25
ns
Minimum Data or Enable Set-up
3
4
6
ns
Minimum Data or Enable Hold
0.5
1
1
ns
Maximum Flag Delay
8
10
15
ns
Active Power Supply Current
Commercial
35
35
35
ICC1
Industrial
40
40
40
CY7C4421
CY7C4201
CY7C4211
CY7C4221
CY7C4231
CY7C4241
CY7C4251
Density
64 × 9
256 × 9
512 × 9
1K × 9
2K × 9
4K × 9
8K × 9


Similar Part No. - CY7C4421-10AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4421-10AC CYPRESS-CY7C4421-10AC Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results

Similar Description - CY7C4421-10AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com