Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVT71512C18TA-4.4 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # GVT71512C18TA-4.4
Description  256K x 36/512K x 18 Pipelined SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

GVT71512C18TA-4.4 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button GVT71512C18TA-4.4 Datasheet HTML 2Page - Cypress Semiconductor GVT71512C18TA-4.4 Datasheet HTML 3Page - Cypress Semiconductor GVT71512C18TA-4.4 Datasheet HTML 4Page - Cypress Semiconductor GVT71512C18TA-4.4 Datasheet HTML 5Page - Cypress Semiconductor GVT71512C18TA-4.4 Datasheet HTML 6Page - Cypress Semiconductor GVT71512C18TA-4.4 Datasheet HTML 7Page - Cypress Semiconductor GVT71512C18TA-4.4 Datasheet HTML 8Page - Cypress Semiconductor GVT71512C18TA-4.4 Datasheet HTML 9Page - Cypress Semiconductor GVT71512C18TA-4.4 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
CY7C1366A/GVT71256C36
CY7C1367A/GVT71512C18
6
(a) 6P, 7P, 7N, 6N,
6M, 6L, 7L, 6K, 7K,
(b) 7H, 6H, 7G, 6G,
6F, 6E, 7E, 7D, 6D,
(c) 2D, 1D, 1E, 2E,
2F, 1G, 2G, 1H, 2H,
(d) 1K, 2K, 1L, 2L,
2M, 1N, 2N, 1P, 2P
(a) 51, 52, 53, 56,
57, 58, 59, 62, 63
(b) 68, 69, 72, 73,
74, 75, 78, 79, 80
(c) 1, 2, 3, 6, 7, 8,
9, 12, 13
(d) 18, 19, 22, 23,
24, 25, 28, 29, 30
DQa
DQb
DQc
DQd
Input/
Output
Data Inputs/Outputs: First Byte is DQa. Second Byte is DQb.
Third Byte is DQc. Fourth Byte is DQd. Input data must meet
set-up and hold times around the rising edge of CLK.
2U
3U
4U
38
39
43
for B and T
version
TMS
TDI
TCK
Input
IEEE 1149.1 test inputs. LVTTL-level inputs. Not available for
TA package version.
5U
42
for B and T
version
TDO
Output
IEEE 1149.1 test output. LVTTL-level output. Not available for
TA package version.
4C, 2J, 4J, 6J, 4R
15, 41,65, 91
VCC
Supply
Core power Supply: +3.3V –5% and +10%
3D, 5D, 3E, 5E, 3F,
5F, 3H, 5H, 3K, 5K,
3M, 5M, 3N, 5N,
3P, 5P
5, 10, 17, 21, 26,
40, 55, 60, 67,
71, 76, 90
VSS
Ground
Ground: GND.
1A, 7A, 1F, 7F, 1J,
7J, 1M, 7M, 1U, 7U
4, 11, 20, 27, 54,
61, 70, 77
VCCQ
I/O Supply
Output Buffer Supply: +2.5V or +3.3V.
1B, 7B, 1C, 7C, 4D,
3J, 5J, 4L, 1R, 5R,
7R, 1T, 2T, 6T, 6U
14, 16, 66
38, 39, 42 for TA
Version
NC
-
No Connect: These signals are not internally connected. User
can leave it floating or connect it to VCC or VSS.
256K X 36 Pin Descriptions (continued)
X36 PBGA Pins
X36 QFP Pins
Name
Type
Description
512K X 18 Pin Descriptions
X18 PBGA Pins
X18 QFP Pins
Name
Type
Description
4P
4N
2A, 3A, 5A, 6A, 3B,
5B, 6B, 2C, 3C, 5C,
6C, 2R, 6R, 2T, 3T,
5T, 6T
37
36
35, 34, 33, 32,
100, 99, 82, 81,
80, 48, 47, 46,
45, 44, 49, 50
92 (T Version)
43 (TA Version)
A0
A1
A
Input-
Synchronous
Addresses: These inputs are registered and must meet the
set-up and hold times around the rising edge of CLK. The burst
counter generates internal addresses associated with A0 and
A1, during burst cycle and wait cycle.
5L
3G
93
94
BWa
BWb
Input-
Synchronous
Byte Write Enables: A byte write enable is LOW for a WRITE
cycle and HIGH for a READ cycle. BWa controls DQa. BWb
controls DQb. Data I/O are high impedance if either of these
inputs are LOW, conditioned by BWE being LOW.
4M
87
BWE
Input-
Synchronous
Write Enable: This active LOW input gates byte write opera-
tions and must meet the set up and hold times around the rising
edge of CLK.
4H
88
GW
Input-
Synchronous
Global Write: This active LOW input allows a full 18-bit WRITE
to occur independent of the BWE and WEn lines and must
meet the set up and hold times around the rising edge of CLK.
4K
89
CLK
Input-
Synchronous
Clock: This signal registers the addresses, data, chip enables,
write control and burst control inputs on its rising edge. All
synchronous inputs must meet setup and hold times around
the clock’s rising edge.
4E
98
CE
Input-
Synchronous
Chip Enable: This active LOW input is used to enable the de-
vice and to gate ADSP.


Similar Part No. - GVT71512C18TA-4.4

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
GVT71512ZC18 CYPRESS-GVT71512ZC18 Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
GVT71512ZC18-10I CYPRESS-GVT71512ZC18-10I Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
GVT71512ZC18-5I CYPRESS-GVT71512ZC18-5I Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
GVT71512ZC18-6I CYPRESS-GVT71512ZC18-6I Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
GVT71512ZC18-7.5I CYPRESS-GVT71512ZC18-7.5I Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
More results

Similar Description - GVT71512C18TA-4.4

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L8336 AMICC-A67L8336 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com