Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPBH6N03LAG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPBH6N03LAG
Description  OptiMOS2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPBH6N03LAG Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPBH6N03LAG Datasheet HTML 1Page - Infineon Technologies AG IPBH6N03LAG Datasheet HTML 2Page - Infineon Technologies AG IPBH6N03LAG Datasheet HTML 3Page - Infineon Technologies AG IPBH6N03LAG Datasheet HTML 4Page - Infineon Technologies AG IPBH6N03LAG Datasheet HTML 5Page - Infineon Technologies AG IPBH6N03LAG Datasheet HTML 6Page - Infineon Technologies AG IPBH6N03LAG Datasheet HTML 7Page - Infineon Technologies AG IPBH6N03LAG Datasheet HTML 8Page - Infineon Technologies AG IPBH6N03LAG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IPBH6N03LA G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
2.1
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
-
62
6 cm
2 cooling area5)
--
40
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
25
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=30 µA
1.2
1.6
2
Zero gate voltage drain current
I DSS
V DS=25 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=25 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5 V, I D=30 A
-
8.2
10.2
m
V GS=10 V, I D=50 A
-
5.2
6.2
Gate resistance
R G
-
1.3
-
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=50 A
34
68
-
S
5 Diagrams are related to straight lead
versions.
5) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Values
2) Current is limited by bondwire; with anR
thJC=2.1 K/W the chip is able to carry 80 A.
4) T
j,max=150 °C and duty cycle D <0.25 for V GS<-5 V
3) See figure 3
Rev. 1.2
page 2
2006-05-11


Similar Part No. - IPBH6N03LAG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB009N03L INFINEON-IPB009N03L Datasheet
1Mb / 11P
   OptiMOS짧3 Power-Transistor, 30 V
Rev.2.0,2016-04-21
IPB009N03LG INFINEON-IPB009N03LG Datasheet
500Kb / 9P
   OptiMOS3 Power Transistor
2010-05-19 revision:1.3
IPB009N03LG INFINEON-IPB009N03LG Datasheet
1Mb / 11P
   OptiMOS짧3 Power-Transistor, 30 V
Rev.2.0,2016-04-21
IPB009N03LG INFINEON-IPB009N03LG_16 Datasheet
1Mb / 11P
   OptiMOS짧3 Power-Transistor, 30 V
Rev.2.0,2016-04-21
IPB010N06N INFINEON-IPB010N06N Datasheet
1,021Kb / 2P
   New OptiMOS??40V and 60V
07 / 2012
More results

Similar Description - IPBH6N03LAG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSC094N03S INFINEON-BSC094N03S Datasheet
340Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.01 2004-12-15
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSO094N03S INFINEON-BSO094N03S Datasheet
237Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO350N03 INFINEON-BSO350N03 Datasheet
225Kb / 9P
   OptiMOS2 Power-Transistor
2004-02-09
IPD10N03LA INFINEON-IPD10N03LA Datasheet
412Kb / 11P
   OptiMOS2 Power-Transistor
Rev. 1.3 2004-05-19
IPP05CN10LG INFINEON-IPP05CN10LG Datasheet
329Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.02 2008-10-31
IPP03N03LBG INFINEON-IPP03N03LBG_08 Datasheet
275Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 0.95 2008-05-06
IPP12CN10LG INFINEON-IPP12CN10LG Datasheet
778Kb / 10P
   OptiMOS2 Power-Transistor
2008-07-15 revision:1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com