Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC164245DGG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # AC164245DGG
Description  16-bit dual supply translating transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AC164245DGG Datasheet(HTML) 2 Page - NXP Semiconductors

  AC164245DGG Datasheet HTML 1Page - NXP Semiconductors AC164245DGG Datasheet HTML 2Page - NXP Semiconductors AC164245DGG Datasheet HTML 3Page - NXP Semiconductors AC164245DGG Datasheet HTML 4Page - NXP Semiconductors AC164245DGG Datasheet HTML 5Page - NXP Semiconductors AC164245DGG Datasheet HTML 6Page - NXP Semiconductors AC164245DGG Datasheet HTML 7Page - NXP Semiconductors AC164245DGG Datasheet HTML 8Page - NXP Semiconductors AC164245DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
9397 750 13248
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 1 June 2004
2 of 19
Philips Semiconductors
74ALVC164245
16-bit dual supply translating transceiver; 3-state
3.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD = CPD × VCC2 × fi × N + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
[2]
The condition is VI = GND to VCC.
4.
Ordering information
Table 1:
Quick reference data
GND = 0 V; Tamb = 25 °C; tr = tf ≤ 2.5 ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPHL, tPLH propagation delay nAn
to nBn
CL = 50 pF;
VCCB = 4.5 V to 5.5 V;
VCCA = 3.0 V to 3.6 V
-
2.9
-
ns
propagation delay nBn
to nAn
CL = 50 pF;
VCCB = 4.5 V to 5.5 V;
VCCA = 3.0 V to 3.6 V
-
2.5
-
ns
propagation delay nAn
to nBn
CL = 50 pF;
VCCB = 3.0 V to 3.6 V;
VCCA = 2.3 V to 2.7 V
-
3.3
-
ns
propagation delay nBn
to nAn
CL = 50 pF;
VCCB = 3.0 V to 3.6 V;
VCCA = 2.3 V to 2.7 V
-
3.0
-
ns
CI
input capacitance
-
4.0
-
pF
CI/O
input/output
capacitance A and B
port
-
5.0
-
pF
CPD
power dissipation
capacitance 5 V port:
nAn to nBn
VCCB =5V; VCCA = 3.3 V [1] [2]
outputs enabled
-
30
-
pF
outputs disabled
-
15
-
pF
power dissipation
capacitance 3 V port:
nBn to nA
VCCB =5V; VCCA = 3.3 V [1] [2]
outputs enabled
-
40
-
pF
outputs disabled
-
5
-
pF
Table 2:
Ordering information
Type number
Temperature range
Package
Name
Description
Version
74ALVC164245DGG
−40 °C to +125 °C
TSSOP48
plastic thin shrink small outline package; 48 leads;
body width 6.1 mm
SOT362-1
74ALVC164245DL
−40 °C to +125 °C
SSOP48
plastic shrink small outline package; 48 leads; body
width 7.5 mm
SOT370-1


Similar Part No. - AC164245DGG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AC164110 MICROCHIP-AC164110 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
AC164113 MICROCHIP-AC164113 Datasheet
194Kb / 1P
   Using MPLAB ICD 3
2/10
AC164122 MICROCHIP-AC164122 Datasheet
8Mb / 20P
   16-bit Embedded Control Solutions
11/27/12
AC164124 MICROCHIP-AC164124 Datasheet
8Mb / 20P
   16-bit Embedded Control Solutions
11/27/12
AC164125 MICROCHIP-AC164125 Datasheet
8Mb / 20P
   16-bit Embedded Control Solutions
11/27/12
More results

Similar Description - AC164245DGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
NXP Semiconductors
74ALVC164245DL,112 NXP-74ALVC164245DL,112 Datasheet
282Kb / 20P
   74ALVC164245 16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com