Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1383B-117AC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1383B-117AC
Description  51236/1M 횞 18 Flow-Thru SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1383B-117AC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1383B-117AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 12Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 13Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
CY7C1381B
CY7C1383B
Document #: 38-05196 Rev. **
Page 10 of 31
Write Cycle Description[1, 2, 3]
Function (CY7C1381B)
GW
BWE
BWdBWcBWbBWa
Read
1
1
XX
XX
Read
10
11
11
Write Byte 0 – DQa
1
01
11
0
Write Byte 1 – DQb
1
01
10
1
Write Bytes 1, 0
1
01
10
0
Write Byte 2 – DQc
1
01
01
1
Write Bytes 2, 0
1
01
01
0
Write Bytes 2, 1
1
01
00
1
Write Bytes 2, 1, 0
1
0
1
0
0
0
Write Byte 3 – DQd
1
00
11
1
Write Bytes 3, 0
1
00
11
0
Write Bytes 3, 1
1
00
10
1
Write Bytes 3, 1, 0
1
0
0
1
0
0
Write Bytes 3, 2
1
00
01
1
Write Bytes 3, 2, 0
1
0
0
0
1
0
Write Bytes 3, 2, 1
1
0
0
0
0
1
Write All Bytes
1
0
0
0
0
0
Write All Bytes
0
X
X
X
X
X
Function (CY7C1383B)
GW
BWE
BWbBWa
Read
1
1
X
X
Read
1
0
1
1
Write Byte 0 – DQa and DPa
1
0
1
0
Write Byte 1 – DQb and DPb
1
0
0
1
Write All Bytes
1
0
0
0
Write All Bytes
0
X
X
X


Similar Part No. - CY7C1383B-117AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C-100AC CYPRESS-CY7C1383C-100AC Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C-100AI CYPRESS-CY7C1383C-100AI Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C-100BGC CYPRESS-CY7C1383C-100BGC Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C-100BGI CYPRESS-CY7C1383C-100BGI Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1383B-117AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1381D CYPRESS-CY7C1381D_11 Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
   36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1380D CYPRESS-CY7C1380D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380DV33 CYPRESS-CY7C1380DV33 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com