Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1362A-166AC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1362A-166AC
Description  256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1362A-166AC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1362A-166AC Datasheet HTML 1Page - Cypress Semiconductor CY7C1362A-166AC Datasheet HTML 2Page - Cypress Semiconductor CY7C1362A-166AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1362A-166AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1362A-166AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1362A-166AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1362A-166AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1362A-166AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1362A-166AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
CY7C1360A
CY7C1362A
Document #: 38-05258 Rev. *A
Page 3 of 28
Pin Configurations
DQb
DQb
DQb
VCCQ
VSS
DQb
DQb
DQb
DQb
VSS
VCCQ
DQb
DQb
VSS
NC
VCC
ZZ
DQa
DQa
VCCQ
VSS
DQa
DQa
DQa
DQa
VSS
VCCQ
DQa
DQa
DQa
DQc
DQc
DQc
VCCQ
VSS
DQc
DQc
DQc
DQc
VSS
VCCQ
DQc
DQc
VCC
NC
VSS
DQd
DQd
VCCQ
VSS
DQd
DQd
DQd
DQd
VSS
VCCQ
DQd
DQd
DQd
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100-pin TQFP
T Version
NC
A
NC
NC
VCCQ
VSS
NC
DPa
DQa
DQa
VSS
VCCQ
DQa
DQa
VSS
NC
VCC
ZZ
DQa
DQa
VCCQ
VSS
DQa
DQa
NC
NC
VSS
VDDQ
NC
NC
NC
NC
NC
NC
VCCQ
VSS
NC
NC
DQb
DQb
VSS
VCCQ
DQb
DQb
VCC
NC
VSS
DQb
DQb
VCCQ
VSS
DQb
DQb
DQb
NC
VSS
VCCQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100-pin TQFP
T Version
NC
DQb
DQb
DQb
VCCQ
VSS
DQb
DQb
DQb
DQb
VSS
VCCQ
DQb
DQb
VSS
NC
VCC
ZZ
DQa
DQa
VCCQ
VSS
DQa
DQa
DQa
DQa
VSS
VCCQ
DQa
DQa
DQa
DQc
DQc
DQc
VCCQ
VSS
DQc
DQc
DQc
DQc
VSS
VCCQ
DQc
DQc
VCC
NC
VSS
DQd
DQd
VCCQ
VSS
DQd
DQd
DQd
DQd
VSS
VCCQ
DQd
DQd
DQd
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100-pin TQFP
NC
A
NC
NC
VCCQ
VSS
NC
DQa
DQa
DQa
VSS
VCCQ
DQa
DQa
VSS
NC
VCC
ZZ
DQa
DQa
VCCQ
VSS
DQa
DQa
NC
NC
VSS
VCCQ
NC
NC
NC
NC
NC
NC
VCCQ
VSS
NC
NC
DQb
DQb
VSS
VCCQ
DQb
DQb
VCC
NC
VSS
DQb
DQb
VCCQ
VSS
DQb
DQb
DQb
NC
VSS
VCCQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100-pin TQFP
TA Version
NC
TA Version
512K × 18 100-pin TQFP
CY7C1362A
CY7C1360A
256K × 36 100-pin TQFP
Top View
Top View


Similar Part No. - CY7C1362A-166AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1362B CYPRESS-CY7C1362B Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AC CYPRESS-CY7C1362B-166AC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AI CYPRESS-CY7C1362B-166AI Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AJC CYPRESS-CY7C1362B-166AJC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AJI CYPRESS-CY7C1362B-166AJI Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
More results

Similar Description - CY7C1362A-166AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com