Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB080N06NG Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPB080N06NG
Description  OptiMOS짰 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB080N06NG Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPB080N06NG Datasheet HTML 1Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 2Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 3Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 4Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 5Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 6Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 7Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 8Page - Infineon Technologies AG IPB080N06NG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IPB080N06N G
IPP080N06N G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
7 V
6 V
5.5 V
5 V
6.5 V
10 V
20 V
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
20
40
60
80
100
120
I D [A]
25 °C
175 °C
0
20
40
60
80
100
120
140
0123
4567
V GS [V]
0
20
40
60
80
100
0
2040
6080
I D [A]
7 V
6 V
6.5 V
5.5V
5 V
10 V
20 V
0
20
40
60
80
100
120
140
160
180
200
220
240
012345
V DS [V]
Rev. 1.01
page 5
2006-05-02


Similar Part No. - IPB080N06NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB080N06NG INFINEON-IPB080N06NG Datasheet
421Kb / 10P
   OptiMOS??Power-Transistor Features Low gate charge for fast switching applications
Rev. 1.05 2010-01-19
IPB080N06NG INFINEON-IPB080N06NG_10 Datasheet
421Kb / 10P
   OptiMOS??Power-Transistor Features Low gate charge for fast switching applications
Rev. 1.05 2010-01-19
More results

Similar Description - IPB080N06NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP80N04S2-H4 INFINEON-IPP80N04S2-H4 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD230N06LG INFINEON-IPD230N06LG Datasheet
392Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-06-13
IPD350N06LG INFINEON-IPD350N06LG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-08
IPB065N06LG INFINEON-IPB065N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-05
IPD144N06NG INFINEON-IPD144N06NG Datasheet
380Kb / 9P
   OptiMOS짰 Power-Transistor
Rev.1.22 2008-07-22
IPD230N06NG INFINEON-IPD230N06NG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-07-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com