Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1362A-200AC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1362A-200AC
Description  256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1362A-200AC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1362A-200AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1362A-200AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1362A-200AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1362A-200AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1362A-200AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1362A-200AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1362A-200AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1362A-200AC Datasheet HTML 12Page - Cypress Semiconductor CY7C1362A-200AC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CY7C1360A
CY7C1362A
Document #: 38-05258 Rev. *A
Page 9 of 28
Notes:
3.
X = “Don’t Care.” H = logic HIGH. L = logic LOW.
For X36 product, Write = L means [BWE + BWa*BWb*BWc*BWd]*GW equals LOW. Write = H means [BWE + BWa*BWb*BWc*BWd]*GW equals HIGH.
For X18 product, Write = L means [BWE + BWa*BWb]*GW equals LOW. Write = H means [BWE + BWa*BWb]*GW equals HIGH.
4.
BWa enables Write to DQa. BWb enables Write to DQb. BWc enables Write to DQc. BWd enables Write to DQd.
5.
All inputs except OE must meet set-up and hold times around the rising edge (LOW to HIGH) of CLK.
6.
Suspending burst generates wait cycle.l
7.
For a Write operation following a Read operation, OE must be HIGH before the input-data-required set-up time plus High-Z time for OE and staying HIGH
throughout the input data hold time.
8.
This device contains circuitry that will ensure the outputs will be in High-Z during power-up.
9.
ADSP LOW along with chip being selected always initiates a Read cycle at the L-H edge of CLK. A Write cycle can be performed by setting Write LOW for the
CLK L-H edge of the subsequent wait cycle. Refer to Write timing diagram for clarification.
Burst Address Table (MODE = NC/VCC)
First
Address (ex-
ternal)
Second
Address
(internal)
Third
Address
(internal)
Fourth
Address
(internal)
A[1:0]]
A[1:0]
A[1:0]
A[1:0]
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Burst Address Table (MODE = GND)
First
Address
(external)
Second
Address
(internal)
Third
Address
(internal)
Fourth
Address
(internal)
A[1:0]]
A[1:0]
A[1:0]
A[1:0]
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
Truth Table[3, 4, 5, 6, 7, 8, 9]
Next Cycle
Address Used
ZZ
CE3
CE2 CE1 ADSP ADSC ADV
OE
DQ
DQ
Unselected
None
O
X
X
1
X
0
X
X
Hi-Z
X
Unselected
None
O
1
X
0
0
X
X
X
Hi-Z
X
Unselected
None
O
X
0
0
0
X
X
X
Hi-Z
X
Unselected
None
O
1
X
0
1
0
X
X
Hi-Z
X
Unselected
None
O
X
0
0
1
0
X
X
Hi-Z
X
Begin Read
External
O
0
1
0
0
X
X
X
Hi-Z
X
Begin Read
External
O
0
1
0
1
0
X
X
Hi-Z
Read
Continue Read
Next
O
X
X
X
1
1
0
1
Hi-Z
Read
Continue Read
Next
O
X
X
X
1
1
0
0
DQ
Read
Continue Read
Next
O
X
X
1
X
1
0
1
Hi-Z
Read
Continue Read
Next
O
X
X
1
X
1
0
0
DQ
Read
Suspend Read
Current
O
X
X
X
1
1
1
1
Hi-Z
Read
Suspend Read
Current
O
X
X
X
1
1
1
0
DQ
Read
Suspend Read
Current
O
X
X
1
X
1
1
1
Hi-Z
Read
Suspend Read
Current
O
X
X
1
X
1
1
0
DQ
Read
Begin Write
Current
O
X
X
X
1
1
1
X
Hi-Z
Write
Begin Write
Current
O
X
X
1
X
1
1
X
Hi-Z
Write
Begin Write
External
O
0
1
0
1
0
X
X
Hi-Z
Write
Continue Write
Next
O
X
X
X
1
1
0
X
Hi-Z
Write
Continue Write
Next
O
X
X
1
X
1
0
X
Hi-Z
Write
Suspend Write
Current
O
X
X
X
1
1
1
X
Hi-Z
Write
Suspend Write
Current
O
X
X
1
X
1
1
X
Hi-Z
Write
ZZ “sleep”
None
1
X
X
X
X
X
X
X
Hi-Z
X


Similar Part No. - CY7C1362A-200AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1362B CYPRESS-CY7C1362B Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AC CYPRESS-CY7C1362B-166AC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AI CYPRESS-CY7C1362B-166AI Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AJC CYPRESS-CY7C1362B-166AJC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AJI CYPRESS-CY7C1362B-166AJI Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
More results

Similar Description - CY7C1362A-200AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com