Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1370B-200AC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1370B-200AC
Description  512K36/1M 횞 18 Pipelined SRAM with NoBL Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1370B-200AC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1370B-200AC Datasheet HTML 2Page - Cypress Semiconductor CY7C1370B-200AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1370B-200AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1370B-200AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1370B-200AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1370B-200AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1370B-200AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1370B-200AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1370B-200AC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
CY7C1370B
CY7C1372B
Document #: 38-05197 Rev. **
Page 6 of 27
TDI
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK.(BGA Only)
TMS
Test Mode Select
Synchronous
This pin controls the Test Access Port (TAP) state machine. Sampled on the rising edge
of TCK (BGA only).
TCK
JTAG serial
clock
Serial clock to the JTAG circuit (BGA only).
32M
64M
128M
No connects. Reserved for address expansion. Pins are not internally connected.
VSS
Ground
Ground for the device. Should be connected to ground of the system.
NC
No connects. Pins are not internally connected.
DNU
Do not use pins.
Pin Definitions
Name
I/O Type
Description


Similar Part No. - CY7C1370B-200AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370BV25 CYPRESS-CY7C1370BV25 Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370BV25-133AC CYPRESS-CY7C1370BV25-133AC Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370BV25-133AI CYPRESS-CY7C1370BV25-133AI Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370BV25-133BGC CYPRESS-CY7C1370BV25-133BGC Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370BV25-133BGI CYPRESS-CY7C1370BV25-133BGI Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1370B-200AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com