Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1362A Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1362A
Description  256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1362A Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1362A Datasheet HTML 1Page - Cypress Semiconductor CY7C1362A Datasheet HTML 2Page - Cypress Semiconductor CY7C1362A Datasheet HTML 3Page - Cypress Semiconductor CY7C1362A Datasheet HTML 4Page - Cypress Semiconductor CY7C1362A Datasheet HTML 5Page - Cypress Semiconductor CY7C1362A Datasheet HTML 6Page - Cypress Semiconductor CY7C1362A Datasheet HTML 7Page - Cypress Semiconductor CY7C1362A Datasheet HTML 8Page - Cypress Semiconductor CY7C1362A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
CY7C1360A
CY7C1362A
Document #: 38-05258 Rev. *A
Page 4 of 28
Pin Configurations (continued)
CY7C1360A 256K × 36 119-ball BGA Top View
1
2345
67
A
VCCQ
A
A
ADSP
AA
VCCQ
B
NC
CE2
AADSC
AA
NC
C
NC
A
A
VCC
AA
NC
D
DQc
DQc
VSS
NC
VSS
DQb
DQb
E
DQc
DQc
VSS
CE
VSS
DQb
DQb
F
VCCQ
DQc
VSS
OE
VSS
DQb
VCCQ
G
DQc
DQc
BWc
ADV
BWb
DQb
DQb
H
DQc
DQc
VSS
GW
VSS
DQb
DQb
J
VCCQ
VCC
NC
VCC
NC
VCC
VCCQ
K
DQd
DQd
VSS
CLK
VSS
DQa
DQa
L
DQd
DQd
BWd
NC
BWa
DQa
DQa
M
VCCQ
DQd
VSS
BWE
VSS
DQa
VCCQ
N
DQd
DQd
VSS
A1
VSS
DQa
DQa
P
DQd
DQd
VSS
A0
VSS
DQa
DQa
R
NC
A
MODE
VCC
NC
A
NC
T
NC
NC
A
A
A
NC
ZZ
U
VCCQ
TMS
TDI
TCK
TDO
NC
VCCQ
1
2345
67
A
VCCQ
A
A
ADSP
AA
VCCQ
B
NC
CE2
AADSC
ACE3
NC
C
NC
A
A
VCC
AA
NC
D
DQb
NC
VSS
NC
VSS
DQa
NC
E
NC
DQb
VSS
CE
VSS
NC
DQa
F
VCCQ
NC
VSS
OE
VSS
DQa
VCCQ
G
NC
DQb
BWb
ADV
VSS
NC
DQa
H
DQb
NC
VSS
GW
VSS
DQa
NC
J
VCCQ
VCC
NC
VCC
NC
VCC
VCCQ
K
NC
DQb
VSS
CLK
VSS
NC
DQa
L
DQb
NC
VSS
NC
BWa
DQa
NC
M
VCCQ
DQb
VSS
BWE
VSS
NC
VCCQ
N
DQb
NC
VSS
A1
VSS
DQa
NC
P
NC
DQb
VSS
A0
VSS
NC
DQa
R
NC
A
MODE
VCC
NC
A
NC
T
NC
A
A
NC
A
A
ZZ
U
VCCQ
TMS
TDI
TCK
TDO
NC
VCCQ
CY7C1362A 512K × 18 119-ball BGA Top View


Similar Part No. - CY7C1362A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1362B CYPRESS-CY7C1362B Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AC CYPRESS-CY7C1362B-166AC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AI CYPRESS-CY7C1362B-166AI Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AJC CYPRESS-CY7C1362B-166AJC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AJI CYPRESS-CY7C1362B-166AJI Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
More results

Similar Description - CY7C1362A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com