Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR0300SC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CR0300SC
Description  Thyristors (SiBOD Breakover Devices)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CR0300SC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  CR0300SC Datasheet HTML 1Page - List of Unclassifed Manufacturers CR0300SC Datasheet HTML 2Page - List of Unclassifed Manufacturers CR0300SC Datasheet HTML 3Page - List of Unclassifed Manufacturers CR0300SC Datasheet HTML 4Page - List of Unclassifed Manufacturers CR0300SC Datasheet HTML 5Page - List of Unclassifed Manufacturers CR0300SC Datasheet HTML 6Page - List of Unclassifed Manufacturers CR0300SC Datasheet HTML 7Page - List of Unclassifed Manufacturers CR0300SC Datasheet HTML 8Page - List of Unclassifed Manufacturers CR0300SC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
To Order: 1-877-502-5500 Fax: 1-858-715-7280
7
Thyristors (SiBOD Breakover Devices)
SiBOD
Series
T10A, T10B, T10C
MINIMUM HOLDING CURRENTS IH MIN.
Suffix
IH
B120
E180
T10
Package
A = DO15
B = DO-201
C = GDT outline
Voltage
Holding current
B = 120 IH min.
E = 180 IH min.
FEATURES
• High current diverting capability,
150 A, 8 X 20 µs)
• Low capacitance, less than 100 pF
Peak Pulse
8/20µs
10/700 1-5kv
10/1000µs
T10A
150
37.5
50
T10B
250
125
100
T10C
250
125
100
Electrical Characteristics
T10A
T10C
Ø1.016
±0.050
25.4 min.
25.4 min.
Ø5.080
+0.127
-0.254
9.400
+0.127
-0.254
All dimensions in mm
T10B
DEVICE
TYPE
T10 A, B, C 080
T10 A, B, C 110
T10 A, B, C 140
T10 A, B, C 180
T10 A, B, C 220
T10 A, B, C 270
IRM
@ VRM
(µA)
1
1
1
1
1
1
VBR
MIN. @ 1 mA
(V)
80
110
140
180
215
270
VBO
MAX.
(V)
120
135
170
210
265
360
VT TYP
@ 1A
(V)
2
2
2
4
4
4
IBO TYP
(mA)
50
50
50
50
50
50
IH
MIN.
(mA)
B or E
B or E
B or E
B or E
B or E
B or E
VRM
(V)
70
100
120
170
200
240


Similar Part No. - CR0300SC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CR0300SC LITTELFUSE-CR0300SC Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
More results

Similar Description - CR0300SC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-12 IXYS-IXBOD1-12 Datasheet
252Kb / 8P
   Breakover Diodes
IXBOD1 IXYS-IXBOD1 Datasheet
158Kb / 5P
   Breakover Diode Gen
logo
NXP Semiconductors
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
logo
IXYS Corporation
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211 PHILIPS-BR211 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
BRS212 PHILIPS-BRS212 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
logo
IXYS Corporation
IXBOD1-12RD IXYS-IXBOD1-12RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-40R IXYS-IXBOD1-40R Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
   Breakover Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com