Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82J-10015 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # S82J-10015
Description  Compact and Economical Switch mode Power Supplies with Capacities Up to 600W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82J-10015 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button S82J-10015 Datasheet HTML 2Page - Omron Electronics LLC S82J-10015 Datasheet HTML 3Page - Omron Electronics LLC S82J-10015 Datasheet HTML 4Page - Omron Electronics LLC S82J-10015 Datasheet HTML 5Page - Omron Electronics LLC S82J-10015 Datasheet HTML 6Page - Omron Electronics LLC S82J-10015 Datasheet HTML 7Page - Omron Electronics LLC S82J-10015 Datasheet HTML 8Page - Omron Electronics LLC S82J-10015 Datasheet HTML 9Page - Omron Electronics LLC S82J-10015 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
L-84
Switching Power Supply
S82J
Note: 1. DC inputs not included in safety standard approvals.
2. At 100% load for rated input voltage (100 VAC or 200 VAC).
3. The output specification is defined at the power supply output terminals.
4. For resetting, turn OFF the power supply, leave for more than three minutes (90 seconds min. for the 300-W models), and then turn ON
the power supply.
5. For resetting, turn OFF the power supply, leave for more than one minute, and then turn ON the power supply.
6. To ensure the Emission Enclosure rating ferrite ring cores (recommended model: S82Y-JC-T) should be used on all cabling.
7. To ensure the Emission AC Mains rating for EN50081-1 (only for 200-VAC input), a noise filter (recommended models: S82Y-JF3-N for
300-W, S82Y-JF6-N for 600-W) should be used on the input lines.
8. With UL508, 150-W connector type has “Recognized” approval.
9. The weight indicated is the weight of the open-frame type. (Includes the covers for 300-W and 600-W models)
10. Class 2 approved for 10-W, 25-W (except for 5-V output), and 50-W (only for 24-V output) models.
I Reference Value
Other
Ambient temperature
Operating: See the derating curve in the Engineering Data section.
Storage:
−25 to 65°C (with no condensation and icing)
Ambient humidity
Operating: 25% to 85%
Storage:
25% to 90%
Dielectric strength
3.0 kVAC, 50/60 Hz for 1 min (between all inputs and all outputs)
2.2 kVAC, 50/60 Hz for 1 min (between all inputs and GR terminal)
1.0 kVAC, 50/60 Hz for 1 min (between all outputs and GR terminal)
Insulation resistance
100 M
Ω min. (between all outputs and all inputs/GR terminals at 500 VDC)
Vibration resistance
10 to 55 Hz, 0.375-mm double amplitude for 2 h each in X, Y, and Z directions
Shock resistance
300 m/s2, 3 times each in
±X, ±Y, and ±Z directions
Terminal screw
tightening
0.74 N·m
1.08 N·m
Output indicator
Yes (green)
Electromagnetic
interference
(See note 2.)
Conforms to FCC Class A
EMC
Emission Enclosure:
EN55011 class A
Emission AC Mains:
EN55011 class A
Immunity ESD:
EN61000-4-2: 4 kV contact discharge (level 2)
8 kV air discharge (level 3)
Immunity RF-interference:
ENV50140:
10 Vm (80 MHz to 1 GHz) (level 3)
Immunity Conducted Disturbance: ENV50141:
10 V (0.5 to 80 MHz) (level 3)
Immunity Burst:
EN61000-4-4: 2 kV power-line (level 3)
2 kV output line (level 4)
EMC standards
Conforms to EN50081-2 and EN50082-2
Conforms to EN50081-2
and EN50082-2 (See
note 6.)
With noise filter, confirms
to EN50081-1 (See note
6 and 7.)
Approved
standards
UL
UL508 (Listing), 1950, Class 2
(per UL1310) (See note 10.)
UL508 (Listing), 1012, 1950 (See note 8.) UL508/1012
CSA
CSA C22.2 No. 14, No. 950,
Class 2 (See note 10.)
CSA C22.2 No. 14, No. 950
CSA EB1402C
VDE
EN50178 (VDE0160) and EN60950
Terminal types (only terminal part): VDE0106/P100
Weight (See note 9.)
250 g
max.
350 g
max.
400 g
max.
500 g max.
1,000 g max.
2,000 g
max.
2,500 g max.
Item
100 to 240 VAC input
100 or 200 VAC
(selected automatically)
100 or 200 VAC
(selectable)
10 W
25 W
50 W
100 W (24 V)
100 W
(5, 12, 15 V)
150 W
300 W
600 W
Item
Value
Definition
Reliability (MTBF)
135,000 hours min.
MTBF stands for Mean Time Between Failures, which is calculated according to the probabil-
ity of accidental device failures, and indicates reliability of devices. Therefore, it does not nec-
essarily represent a life of the product.
Life expectancy
10 yrs. min.
The life expectancy indicates average operating hours under the ambient temperature of
40
°C and a load rate of 50%. Normally this is determined by the life expectancy of the built-
in aluminum electrolytic capacitor.


Similar Part No. - S82J-10015

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

Similar Description - S82J-10015

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57153S0479M000 EPCOS-B57153S0479M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57364S0109M000 EPCOS-B57364S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57464S0109M000 EPCOS-B57464S0109M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57235S0509M000 EPCOS-B57235S0509M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259M000 EPCOS-B57236S0259M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259L002 EPCOS-B57236S0259L002 Datasheet
64Kb / 3P
   Switch-mode power supplies
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57238S0259M000 EPCOS-B57238S0259M000_1 Datasheet
62Kb / 3P
   Switch-mode power supplies
logo
Mean Well Enterprises C...
LAD-600 MEANWELL-LAD-600 Datasheet
1Mb / 12P
   600W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
logo
Transko Electronics, In...
TF-8072-ND TRANSKO-TF-8072-ND Datasheet
314Kb / 3P
   Low-loss, compact, and economical SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com