Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1339B-133BGI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1339B-133BGI
Description  128K x 32 Synchronous Pipelined Cache RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1339B-133BGI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1339B-133BGI Datasheet HTML 3Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C1339B-133BGI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CY7C1339B
Document #: 38-05141 Rev. *A
Page 7 of 17
Write Cycle Descriptions[4, 5, 6]
Function
GW
BWE
BW3
BW2
BW1
BW0
Read
1
1
XX
XX
Read
10
11
11
Write Byte 0 – DQ[7:0]
10
11
10
Write Byte 1 – DQ[15:8]
10
11
01
Write Bytes 1, 0
1
01
10
0
Write Byte 2 – DQ[23:16]
10
10
11
Write Bytes 2, 0
1
01
01
0
Write Bytes 2, 1
1
01
00
1
Write Bytes 2, 1, 0
1
0
1
0
0
0
Write Byte 3 – DQ[31:24]
10
01
11
Write Bytes 3, 0
1
00
11
0
Write Bytes 3, 1
1
00
10
1
Write Bytes 3, 1, 0
1
0
0
1
0
0
Write Bytes 3, 2
1
00
01
1
Write Bytes 3, 2, 0
1
0
0
0
1
0
Write Bytes 3, 2, 1
1
0
0
0
0
1
Write All Bytes
1
0
0
0
0
0
Write All Bytes
0
X
X
X
X
X
Notes:
4.
X = “don't care,” 1 = Logic HIGH, 0 = Logic LOW.
5.
The SRAM always initiates a Read cycle when ADSP asserted, regardless of the state of GW, BWE, or BW[3:0]. Writes may occur only on subsequent clocks
after the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the Write cycle to allow the outputs to three-state. OE
is a don't care for the remainder of the Write cycle.
6.
OE is asynchronous and is not sampled with the clock rise. It is masked internally during Write cycles. During a Read cycle DQ = High-Z when OE is inactive
or when the device is deselected, and DQ = data when OE is active.


Similar Part No. - CY7C1339B-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100AC CYPRESS-CY7C1339F-100AC Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100AI CYPRESS-CY7C1339F-100AI Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100BGC CYPRESS-CY7C1339F-100BGC Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100BGI CYPRESS-CY7C1339F-100BGI Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
More results

Similar Description - CY7C1339B-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347B CYPRESS-CY7C1347B Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1340A CYPRESS-CY7C1340A Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
logo
Integrated Device Techn...
IDT71F432 IDT-IDT71F432 Datasheet
40Kb / 5P
   32k X 32 mcACHE synchronous pipelined cache ram
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1338B CYPRESS-CY7C1338B Datasheet
600Kb / 18P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1338 CYPRESS-CY7C1338 Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com