Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1339B-133AI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1339B-133AI
Description  128K x 32 Synchronous Pipelined Cache RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1339B-133AI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1339B-133AI Datasheet HTML 1Page - Cypress Semiconductor CY7C1339B-133AI Datasheet HTML 2Page - Cypress Semiconductor CY7C1339B-133AI Datasheet HTML 3Page - Cypress Semiconductor CY7C1339B-133AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1339B-133AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1339B-133AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1339B-133AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1339B-133AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1339B-133AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CY7C1339B
Document #: 38-05141 Rev. *A
Page 5 of 17
Introduction
Functional Overview
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. All data outputs pass through
output registers controlled by the rising edge of the clock.
Maximum access delay from the clock rise (tCO) is 3.5 ns
(166-MHz device).
The CY7C1339B supports secondary cache in systems
utilizing either a linear or interleaved burst sequence. The
interleaved
burst
order
supports
Pentium
and
i486
processors. The linear burst sequence is suited for processors
that utilize a linear burst sequence. The burst order is user
selectable, and is determined by sampling the MODE input.
Accesses can be initiated with either the Processor Address
Strobe (ADSP) or the Controller Address Strobe (ADSC).
Address advancement through the burst sequence is
controlled by the ADV input. A two-bit on-chip wraparound
burst counter captures the first address in a burst sequence
and automatically increments the address for the rest of the
burst access.
Byte Write operations are qualified with the Byte Write Enable
(BWE) and Byte Write Select (BW[3:0]) inputs. A Global Write
Enable (GW) overrides all Byte Write inputs and writes data to
all four bytes. All writes are simplified with on-chip
synchronous self-timed Write circuitry.
Three synchronous Chip Selects (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output three-state control. ADSP is ignored if
CE1 is HIGH.
Single Read Accesses
This access is initiated when the following conditions are
satisfied at clock rise: (1) ADSP or ADSC is asserted LOW, (2)
CE1, CE2, CE3 are all asserted active, and (3) the Write
signals (GW, BWE) are all deserted HIGH. ADSP is ignored if
CE1 is HIGH. The address presented to the address inputs
(A[16:0]) is stored into the address advancement logic and the
Address Register while being presented to the memory core.
The corresponding data is allowed to propagate to the input of
the Output Registers. At the rising edge of the next clock the
data is allowed to propagate through the output register and
onto the data bus within 3.5 ns (166-MHz device) if OE is
active LOW. The only exception occurs when the SRAM is
emerging from a deselected state to a selected state, its
outputs are always three-stated during the first cycle of the
access. After the first cycle of the access, the outputs are
controlled by the OE signal. Consecutive single Read cycles
are supported. Once the SRAM is deselected at clock rise by
the chip select and either ADSP or ADSC signals, its output
will three-state immediately.
Single Write Accesses Initiated by ADSP
This access is initiated when both of the following conditions
are satisfied at clock rise: (1) ADSP is asserted LOW, and
(2) CE1, CE2, CE3 are all asserted active. The address
presented to A[16:0] is loaded into the address register and the
address advancement logic while being delivered to the RAM
core. The Write signals (GW, BWE, and BW[3:0]) and ADV
inputs are ignored during this first cycle.
ADSP-triggered Write accesses require two clock cycles to
complete. If GW is asserted LOW on the second clock rise, the
data presented to the DQ[31:0] inputs is written into the corre-
sponding address location in the RAM core. If GW is HIGH,
then the Write operation is controlled by BWE and BW[3:0]
signals. The CY7C1339B provides Byte Write capability that
is described in the Write Cycle Descriptions table. Asserting
the Byte Write Enable input (BWE) with the selected Byte
Write (BW[3:0]) input will selectively write to only the desired
bytes. Bytes not selected during a Byte Write operation will
remain unaltered. A synchronous self-timed Write mechanism
has been provided to simplify the Write operations.
Because the CY7C1339B is a common I/O device, the Output
Enable (OE) must be deserted HIGH before presenting data
to the DQ[31:0] inputs. Doing so will three-state the output
drivers. As a safety precaution, DQ[31:0] are automatically
three-stated whenever a Write cycle is detected, regardless of
the state of OE.
Single Write Accesses Initiated by ADSC
ADSC Write accesses are initiated when the following condi-
tions are satisfied: (1) ADSC is asserted LOW, (2) ADSP is
deserted HIGH, (3) CE1, CE2, CE3 are all asserted active, and
(4) the appropriate combination of the Write inputs (GW, BWE,
and BW[3:0]) are asserted active to conduct a Write to the
desired byte(s). ADSC-triggered Write accesses require a
single clock cycle to complete. The address presented to
A[16:0] is loaded into the address register and the address
advancement logic while being delivered to the RAM core. The
ADV input is ignored during this cycle. If a global Write is
conducted, the data presented to the DQ[31:0] is written into the
corresponding address location in the RAM core. If a Byte
Write is conducted, only the selected bytes are written. Bytes
not selected during a Byte Write operation will remain
unaltered. A synchronous self-timed Write mechanism has
been provided to simplify the Write operations.
Because the CY7C1339B is a common I/O device, the Output
Enable (OE) must be deserted HIGH before presenting data
to the DQ[31:0] inputs. Doing so will three-state the output
drivers. As a safety precaution, DQ[31:0] are automatically
three-stated whenever a Write cycle is detected, regardless of
the state of OE.
Burst Sequences
The CY7C1339B provides a two-bit wraparound counter, fed
by A[1:0], that implements either an interleaved or linear burst
sequence. The interleaved burst sequence is designed specif-
ically to support Intel Pentium applications. The linear burst
sequence is designed to support processors that follow a
linear burst sequence. The burst sequence is user selectable
through the MODE input.
Asserting ADV LOW at clock rise will automatically increment
the burst counter to the next address in the burst sequence.
Both Read and Write burst operations are supported.
Interleaved Burst Sequence
First
Address
Second
Address
Third
Address
Fourth
Address
A[1:0]
A[1:0]
A[1:0]
A[1:0]
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00


Similar Part No. - CY7C1339B-133AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100AC CYPRESS-CY7C1339F-100AC Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100AI CYPRESS-CY7C1339F-100AI Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100BGC CYPRESS-CY7C1339F-100BGC Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100BGI CYPRESS-CY7C1339F-100BGI Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
More results

Similar Description - CY7C1339B-133AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347B CYPRESS-CY7C1347B Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1340A CYPRESS-CY7C1340A Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
logo
Integrated Device Techn...
IDT71F432 IDT-IDT71F432 Datasheet
40Kb / 5P
   32k X 32 mcACHE synchronous pipelined cache ram
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1338B CYPRESS-CY7C1338B Datasheet
600Kb / 18P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1338 CYPRESS-CY7C1338 Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com