Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC164245 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ALVC164245
Description  16-bit dual supply translating transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC164245 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVC164245 Datasheet HTML 4Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 5Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 6Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 7Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 8Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 9Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 10Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 11Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9397 750 13248
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 1 June 2004
9 of 19
Philips Semiconductors
74ALVC164245
16-bit dual supply translating transceiver; 3-state
VOH
HIGH-level output voltage
B port
VI =VIH or VIL
IO = −24 mA; VCCB = 4.5 V
VCCB − 0.8 -
-
V
IO = −12 mA; VCCB = 4.5 V
VCCB − 0.5 -
-
V
IO = −18 mA; VCCB = 3.0 V
VCCB − 0.8 -
-
V
IO = −100 µA; VCCB = 3.0 V
VCCB − 0.2 VCCB
-V
A port
VI =VIH or VIL
IO = −24 mA; VCCA = 3.0 V
VCCA − 0.7 -
-
V
IO = −100 µA; VCCA = 3.0 V
VCCA − 0.2 -
-
V
IO = −12 mA; VCCA = 2.7 V
VCCA − 0.5 -
-
V
IO = −8 mA; VCCA = 2.3 V
VCCA − 0.6 -
-
V
IO = −100 µA; VCCA = 2.3 V
VCCA − 0.2 VCCA
-V
VOL
LOW-level output voltage
B port
VI =VIH or VIL
IO = 24 mA; VCCB = 4.5 V
-
-
0.55
V
IO = 12 mA; VCCB = 4.5 V
-
-
0.40
V
IO = 100 µA; VCCB = 4.5 V
-
-
0.20
V
IO = 18 mA; VCCB = 3.0 V
-
-
0.55
V
IO = 100 µA; VCCB = 3.0 V
-
-
0.20
V
A port
VI =VIH or VIL
IO = 24 mA; VCCA = 3.0 V
-
-
0.55
V
IO = 100 µA; VCCA = 3.0 V
-
-
0.20
V
IO = 12 mA; VCCA = 2.7 V
-
-
0.40
V
IO = 12 mA; VCCA = 2.3 V
-
-
0.60
V
IO = 100 µA; VCCA = 2.3 V
-
-
0.20
V
ILI
input leakage current
VI = 5.5 V or GND
-
±0.1
±5
µA
IOZ
3-state output OFF-state
current
VI =VIH or VIL;
VO =VCC or GND
[3] -
±0.1
±10
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0 A
-
0.1
40
µA
∆ICC
additional quiescent
supply current per control
pin
VI =VCC − 0.6 V; IO =0A
[4] -
5
500
µA
CI
input capacitance
-
4.0
-
pF
CI/O
input/output capacitance
A and B port
-
5.0
-
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
B port
VCCB = 3.0 V to 5.5 V
[2] 2.0
-
-
V
A port
VCCA = 3.0 V to 3.6 V
2.0
-
-
V
VCCA = 2.3 V to 2.7 V
[2] 1.7
-
-
V
Table 7:
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74ALVC164245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
107Kb / 19P
   16-bit dual supply translating transciever; 3-state
Rev. 02-1 June 2004
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245BQ NXP-74ALVC164245BQ Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
More results

Similar Description - 74ALVC164245

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
NXP Semiconductors
74ALVC164245DL,112 NXP-74ALVC164245DL,112 Datasheet
282Kb / 20P
   74ALVC164245 16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com