Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALS651-1D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALS651-1D
Description  Transceiver/register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS651-1D Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALS651-1D Datasheet HTML 1Page - NXP Semiconductors 74ALS651-1D Datasheet HTML 2Page - NXP Semiconductors 74ALS651-1D Datasheet HTML 3Page - NXP Semiconductors 74ALS651-1D Datasheet HTML 4Page - NXP Semiconductors 74ALS651-1D Datasheet HTML 5Page - NXP Semiconductors 74ALS651-1D Datasheet HTML 6Page - NXP Semiconductors 74ALS651-1D Datasheet HTML 7Page - NXP Semiconductors 74ALS651-1D Datasheet HTML 8Page - NXP Semiconductors 74ALS651-1D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors
Product specification
74ALS651/74ALS651-1
74ALS652/74ALS652-1
Transceiver/register
1991 Feb 08
5
LOGIC DIAGRAM – 74ALS651/651-1
VCC = Pin 24
GND = Pin 12
A0
OEBA
B0
1D
C1
1D
C1
1 OF 8 CHANNELS
TO 7 OTHER CHANNELS
21
4
20
3
23
22
1
2
OEAB
CPBA
SBA
SPAB
SAB
SC00134
LOGIC DIAGRAM – 74ALS652/652-1
VCC = Pin 24
GND = Pin 12
A0
OEBA
B0
1D
C1
1D
C1
1 OF 8 CHANNELS
TO 7 OTHER CHANNELS
21
4
20
3
23
22
1
2
OEAB
CPBA
SBA
SPAB
SAB
SC00135
FUNCTION TABLE
INPUTS
DATA I/O
OPERATING MODE
OEAB
OEBA
CPAB
CPBA
SAB
SBA
An
Bn
74ALS651/74ALS651-1
74ALS652/74ALS652-1
L
H
H or L
H or L
X
X
Input
Input
Isolation
Isolation
L
H
X
X
Input
Input
Store A and B data
Store A and B data
X
H
H or L
X
X
Input
Unspecified*
Store A, hold B
Store A, hold B
H
H
L
X
Input
Output
Store A in both registers
Store A in both registers
L
X
H or L
X
S
Unspecified*
Input
Hold A, store B
Hold A, store B
L
L
X
L
Output
Input
Store B in both registers
Store B in both registers
L
L
X
X
X
L
Output
Input
Real time B data to A bus
Real time B data to A bus
L
L
X
H or L
X
H
Output
Input
Stored B data to A bus
Stored B data to A bus
H
H
X
X
L
X
Input
Output
Real time A data to B bus
Real time A data to B bus
H
H
H or L
X
H
X
Input
Output
Stored A data to B bus
Stored A data to B bus
H
L
H or L
H or L
H
H
Output
Output
Stored A data to B bus
Stored A data to B bus
H
L
H or L
H or L
H
H
Output
Output
Stored B data to A bus
Stored B data to A bus
NOTES:
H = High voltage level
L
= Low voltage level
X = Don’t care
*
= The data output function may be enabled or disabled by various signals at the OE and DIR inputs. Data input functions are always
enabled, i.e., data at the bus pins will be stored on every Low-to-High transition of the clock.
↑ = Low-to-High clock transition


Similar Part No. - 74ALS651-1D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS620A PHILIPS-74ALS620A Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620A-1 PHILIPS-74ALS620A-1 Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620A-1D PHILIPS-74ALS620A-1D Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620A-1N PHILIPS-74ALS620A-1N Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620AD PHILIPS-74ALS620AD Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
More results

Similar Description - 74ALS651-1D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
logo
NXP Semiconductors
74ALS646 PHILIPS-74ALS646 Datasheet
155Kb / 13P
   Transceiver/register
1991 Feb 08
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
74ACTQ652 FAIRCHILD-74ACTQ652 Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
logo
Integrated Device Techn...
IDT74FCT646 IDT-IDT74FCT646 Datasheet
91Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/REGISTER
logo
Fairchild Semiconductor
DM74AS652WMX FAIRCHILD-DM74AS652WMX Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74AS646 FAIRCHILD-DM74AS646 Datasheet
84Kb / 8P
   Octal Bus Transceiver and Register
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com