Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1325B-100AC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1325B-100AC
Description  256K x 18 Synchronous 3.3V Cache RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1325B-100AC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1325B-100AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1325B-100AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1325B-100AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1325B-100AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1325B-100AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1325B-100AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1325B-100AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1325B-100AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1325B-100AC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CY7C1325B
8
IOS
Output Short Circuit Current[7]
VDD = Max., VOUT = GND
–300
mA
IDD
VDD Operating Supply Current
VDD = Max., IOUT = 0 mA,
f = fMAX= 1/tCYC
8.5-ns cycle, 117 MHz
350
mA
10-ns cycle, 100 MHz
325
mA
ISB1
Automatic CE Power-Down
Current—TTL Inputs
Max. VDD, Device Deselected,
VIN ≥ VIH or VIN ≤ VIL, f = fMAX,
inputs switching
8.5-ns cycle, 117 MHz
125
mA
10-ns cycle, 100 MHz
110
mA
ISB2
Automatic CE Power-Down
Current—CMOS Inputs
Max. VDD, Device Deselected,
VIN ≥ VDD – 0.3V or VIN ≤ 0.3V,
f = 0, inputs static
All speeds
10
mA
ISB3
Automatic CE Power-Down
Current—CMOS Inputs
Max. VDD, Device Deselected,
VIN ≥ VDDQ – 0.3V or VIN ≤ 0.3V,
f = fMAX, inputs switching
8.5-ns cycle, 117 MHz
95
mA
10-ns cycle, 100 MHz
85
mA
ISB4
Automatic CE Power-Down
Current—TTL Inputs
Max. VDD, Device Deselected,
VIN ≥ VDD – 0.3V or VIN ≤ 0.3V,
f = 0, inputs static
All speeds
30
mA
Electrical Characteristics Over the Operating Range (continued)
Parameter
Description
Test Conditions
7C1325B
Unit
Min.
Max.
Capacitance[8]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VDD = 5.0V
4pF
CI/O
I/O Capacitance
4
pF
AC Test Loads and Waveforms
Notes:
7.
Not more than one output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.
8.
Tested initially and after any design or process changes that may affect these parameters.
9.
R1=1667
Ω and R2=1538Ω for I
OH/IOL=–4/8 mA, R1=521Ω and R2=481Ω for IOH/IOL=–2/2 mA.
2.5V
GND
90%
10%
90%
10%
Fall Time: 1 V/ns
OUTPUT
R1
R2
5pF
INCLUDING
JIGAND
SCOPE
(a)
(b)
ALL INPUT PULSES
OUTPUT
RL =50Ω
Z0 =50Ω
VL =1.5V
2.5V
[9]
Rise Time: 1 V/ns


Similar Part No. - CY7C1325B-100AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-100AC CYPRESS-CY7C1325-100AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-117AC CYPRESS-CY7C1325-117AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-50AC CYPRESS-CY7C1325-50AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-80AC CYPRESS-CY7C1325-80AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
More results

Similar Description - CY7C1325B-100AC

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
CY7C1031 CYPRESS-CY7C1031 Datasheet
282Kb / 13P
   64K x 18 Synchronous Cache RAM
CY7C179 CYPRESS-CY7C179 Datasheet
1Mb / 12P
   32K x 18 Synchronous Cache RAM
logo
Integrated Silicon Solu...
IS61SP25616 ISSI-IS61SP25616 Datasheet
120Kb / 15P
   256K x 16, 256K x 18 SYNCHRONOUS PIPELINED STATIC RAM
logo
GSI Technology
GS84118T-166 GSI-GS84118T-166 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com