Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1325B Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1325B
Description  256K x 18 Synchronous 3.3V Cache RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1325B Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1325B Datasheet HTML 7Page - Cypress Semiconductor CY7C1325B Datasheet HTML 8Page - Cypress Semiconductor CY7C1325B Datasheet HTML 9Page - Cypress Semiconductor CY7C1325B Datasheet HTML 10Page - Cypress Semiconductor CY7C1325B Datasheet HTML 11Page - Cypress Semiconductor CY7C1325B Datasheet HTML 12Page - Cypress Semiconductor CY7C1325B Datasheet HTML 13Page - Cypress Semiconductor CY7C1325B Datasheet HTML 14Page - Cypress Semiconductor CY7C1325B Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CY7C1325B
11
Read Cycle Timing[14, 16]
Note:
16. RDx stands for Read Data from Address X.
Timing Diagrams (continued)
ADSP
CLK
ADSC
ADV
ADD
CE1
OE
GW
WE
CE2
CE3
2a
2c
1a
Data Out
tCYC
tCH
tCL
tADS
tADH
tADS
tADH
tADVS
tADVH
RD1
RD2
RD3
tAH
tAS
tWS
tWH
tWH
tWS
tCES
tCEH
tCES
tCEH
tCES
tCEH
tCDV
tEOV
2b
2c
2d
3a
1a
tOEHZ
tDOH
tCLZ
tCHZ
Single Read
Burst Read
Unselected
ADSP ignored with CE1 inactive
Suspend Burst
CE1 masks ADSP
= DON’T CARE
= UNDEFINED
Pipelined Read
ADSC initiated read
Unselected with CE2


Similar Part No. - CY7C1325B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-100AC CYPRESS-CY7C1325-100AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-117AC CYPRESS-CY7C1325-117AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-50AC CYPRESS-CY7C1325-50AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-80AC CYPRESS-CY7C1325-80AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
More results

Similar Description - CY7C1325B

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
CY7C1031 CYPRESS-CY7C1031 Datasheet
282Kb / 13P
   64K x 18 Synchronous Cache RAM
CY7C179 CYPRESS-CY7C179 Datasheet
1Mb / 12P
   32K x 18 Synchronous Cache RAM
logo
Integrated Silicon Solu...
IS61SP25616 ISSI-IS61SP25616 Datasheet
120Kb / 15P
   256K x 16, 256K x 18 SYNCHRONOUS PIPELINED STATIC RAM
logo
GSI Technology
GS84118T-166 GSI-GS84118T-166 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com