Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4250CR-3.0 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B4250CR-3.0
Description  250 mA CMOS Low Dropout LDO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B4250CR-3.0 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B4250CR-3.0 Datasheet HTML 1Page - List of Unclassifed Manufacturers B4250CR-3.0 Datasheet HTML 2Page - List of Unclassifed Manufacturers B4250CR-3.0 Datasheet HTML 3Page - List of Unclassifed Manufacturers B4250CR-3.0 Datasheet HTML 4Page - List of Unclassifed Manufacturers B4250CR-3.0 Datasheet HTML 5Page - List of Unclassifed Manufacturers B4250CR-3.0 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B4250
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
12
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS -0.3 to VIN 0.3
V
Continual Total
Power Dissipation
SOT-23
SOT-89
Pd
150
500
mW
Operating Ambient Temperature
TOPR
-30 to 80
°C
Storage Temperature
TSTG
-40 to 125
°C
Electrical Characteristics (Ta = 25
°°°°C, V
IN = VOUT + 1V; unless otherwise noted)
Parameter
Conditions
MIN
TYP
MAX
UNIT
3.3V
IO = 40mA, VIN = 4.3V
3.234
3.300
3.366
Output Voltage
5.0V
IO = 40mA, VIN = 6.0V
4.900
5.000
5.100
V
3.3V
IO = 40mA, 4.3V<VIN<10V
Line Regulation
∆V
OUT/∆VIN-VOUT
5.0V
IO = 40mA, 6.0V<VIN<10V
0.2
0.3
%V
3.3V
VIN 4.3V, 1mA < IO < 80mA
45
90
Load Regulation
5.0V
VIN 6V, 1mA < IO < 100mA
40
80
mV
3.3V
VIN = 4.3V
1.0
2.9
Current Consumption
5.0V
VIN = 6.0V
2.0
4.5
µA
3.3V
IO = 160 mA
0.4
0.7
0.12
0.3
Dropout Voltage
5.0V
IO = 100 mA
200 mA
0.38
0.6
V
Marking Format
SOT-23
SOT-89
CXWW
B4250
XZYWW
C = B4250
Variables
X = Voltage Codes
Z = Production
Code
Y = Year
WW = Work Week Code
B = 2.0
F =
3.3
01 = 2001
SOT-23 = 01 to 99
C = 2.5
G =
3.5
02 = 2002
SOT-89 = 01 to 52
D = 2.8
H =
5.0
03 = 2004
E = 3.0
etc


Similar Part No. - B4250CR-3.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4251 ETC-B4251 Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
B4251CK5 ETC-B4251CK5 Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
B4251CR ETC-B4251CR Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
More results

Similar Description - B4250CR-3.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4151 ETC1-B4151 Datasheet
52Kb / 4P
   150 mA CMOS Low Dropout LDO
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
logo
STMicroelectronics
LDLN025 STMICROELECTRONICS-LDLN025 Datasheet
1Mb / 22P
   250 mA ultra low noise LDO
logo
ON Semiconductor
NCP136 ONSEMI-NCP136 Datasheet
429Kb / 15P
   LDO Regulator - Very Low Dropout, CMOS, Bias Rail 700 mA
July, 2020 ??Rev. 4
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
logo
ON Semiconductor
NCP156 ONSEMI-NCP156 Datasheet
152Kb / 9P
   LDO Regulator - Dual, Camera Modules, Low Iq, Very Low Dropout, Ultra Low Noise 500 mA, 250 mA
September, 2019 ??Rev. 1
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
   250 mA Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com