Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10EB3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 10EB3
Description  General Purpose RFI Power Line Filters General Purpose for High Impedance Loads at Low Cost
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

10EB3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  10EB3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 10EB3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Libertyville, IL (847) 680-7400
B
15
Series
B
Case Dimensions
Metric shown in italics.
ABC
D
E
Part No.
(max)
(max)
(max)
± .015
(max)
± .38
1VB1, 1EB1
2.25
1.82
0.66
2.125
2.53
2VB1, 2EB1
57.2
46.2
16.8
53.98
64.3
1VB3, 1EB3
0.96
1.82
0.66
2.125
2.53
2VB3, 2EB3
24.4
46.2
16.8
53.98
64.3
3VB1, 3EB1
2.61
1.82
0.78
2.125
2.53
5VB1, 5EB1
66.3
46.2
19.8
53.98
64.3
3VB3, 3EB3
1.32
1.82
0.78
2.125
2.53
5VB3, 5EB3
33.5
46.2
19.8
53.98
64.3
10VB1, 10EB1
2.61
1.82
1.16
2.125
2.53
66.3
46.2
29.5
53.98
64.3
10VB3, 10EB3
1.32
1.82
1.16
2.125
2.53
33.5
46.2
29.5
53.98
64.3
10VB6
2.72
1.82
1.16
2.125
2.53
69.1
46.2
29.5
53.98
64.3
20VB1, 20EB1
3.36
2.07
1.16
2.375
2.81
85.3
52.6
29.5
60.33
71.4
20VB6
3.46
2.07
1.16
2.375
2.81
87.9
52.6
29.5
60.33
71.4
30VB6
5.34
3.38
1.53
3.750
4.2
135.6
85.9
38.9
95.3
106.7
Pricing
Consult your local Corcom sales representative for pricing.
Part No.
Part No.
1VB1
1EB1
1VB3
1EB3
2VB1
2EB1
2VB3
2EB3
3VB1
3EB1
3VB3
3EB3
5VB1
5EB1
5VB3
5EB3
10VB1
10EB1
10VB3
10EB3
10VB6
20EB1
20VB1
20VB6
30VB6
Case Styles
Metric shown in italics.
B1
10VB6 & 20VB6
30VB6
Typical dimensions
Mounting holes:
Dia. (2)
Typical dimensions
Wire leads:
Min.
Mounting holes:
Dia. (2)
4.0
101.6
.188
4.78
.188
4.78
Torque 18± 2 in.lb.
Typical dimensions
Terminals:
(5)
Holes:
Dia.(4)
Slot:
Mounting holes:
Dia.(2)
.250
6.35
.07
1.8
.188
4.78
.07 x .16
1.8 x 4.1
B3


Similar Part No. - 10EB3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
10EB3 MACOM-10EB3 Datasheet
224Kb / 3P
   General Purpose RFI Filters for High Impedance Loads at Low Current
More results

Similar Description - 10EB3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1VB1 MACOM-1VB1 Datasheet
224Kb / 3P
   General Purpose RFI Filters for High Impedance Loads at Low Current
1VK1 MACOM-1VK1_11 Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
TE Connectivity Ltd
1VK1 TEC-1VK1 Datasheet
295Kb / 5P
   General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
Tyco Electronics
1VK1 MACOM-1VK1 Datasheet
481Kb / 4P
   General Purpose RFI Power Line Filters-Ideal for High Impedance Load
1EBP MACOM-1EBP Datasheet
177Kb / 3P
   PC Board Mountable General Purpose RFI Filters
logo
EPCOS
B84110B EPCOS-B84110B Datasheet
93Kb / 6P
   2-line filters for general-purpose applications
logo
Tyco Electronics
1EDP MACOM-1EDP Datasheet
73Kb / 2P
   PC Board Mountable RFI Filters for General Purpose Applications
1VR1 MACOM-1VR1 Datasheet
347Kb / 2P
   Two-Stage General Purpose RFI Power Line Filter
logo
TE Connectivity Ltd
1VR1 TEC-1VR1 Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
logo
Tyco Electronics
1VR1 MACOM-1VR1_11 Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com