Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHW30N60T Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IHW30N60T
Description  Low Loss DuoPack : IGBT in TrenchStop technology with optimised diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IHW30N60T Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IHW30N60T Datasheet HTML 4Page - Infineon Technologies AG IHW30N60T Datasheet HTML 5Page - Infineon Technologies AG IHW30N60T Datasheet HTML 6Page - Infineon Technologies AG IHW30N60T Datasheet HTML 7Page - Infineon Technologies AG IHW30N60T Datasheet HTML 8Page - Infineon Technologies AG IHW30N60T Datasheet HTML 9Page - Infineon Technologies AG IHW30N60T Datasheet HTML 10Page - Infineon Technologies AG IHW30N60T Datasheet HTML 11Page - Infineon Technologies AG IHW30N60T Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IHW30N60T
Soft Switching Series
q
Power Semiconductors
11
Rev. 2.1 Apr. 06
Figure A. Definition of switching times
Figure B. Definition of switching losses
I
rr m
90% I
rr m
10% I
rr m
di /dt
F
t
rr
I
F
i,v
t
Q
S
Q
F
t
S
t
F
V
R
di /dt
rr
Q=Q
Q
rr
S
F
+
t=t
t
rr
S
F
+
Figure C. Definition of diodes
switching characteristics
p(t)
12
n
T(t)
j
τ1
1
τ2
2
n
n
τ
TC
rr
r
r
r
r
Figure D. Thermal equivalent
circuit
Figure E. Dynamic test circuit


Similar Part No. - IHW30N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW30N60T INFINEON-IHW30N60T Datasheet
365Kb / 12P
   Soft Switching Series
Rev. 2.2 Sep. 08
IHW30N60T INFINEON-IHW30N60T Datasheet
545Kb / 12P
   Positive temperature coefficient in VCE
Rev. 2.3 20.09.2013
IHW30N60T INFINEON-IHW30N60T_08 Datasheet
365Kb / 12P
   Soft Switching Series
Rev. 2.2 Sep. 08
IHW30N60T INFINEON-IHW30N60T_13 Datasheet
545Kb / 12P
   Positive temperature coefficient in VCE
Rev. 2.3 20.09.2013
More results

Similar Description - IHW30N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
IHW40N60T INFINEON-IHW40N60T Datasheet
385Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop -technology with anti-parallel diode
Rev. 2.2 Apr. 06
IHW40N60T INFINEON-IHW40N60T_08 Datasheet
383Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop -technology with anti-parallel diode
Rev. 2.3 Sep. 08
IGP06N60T INFINEON-IGP06N60T Datasheet
376Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IGP06N60T INFINEON-IGP06N60T Datasheet
331Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IKP04N60T INFINEON-IKP04N60T_09 Datasheet
566Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Feb. 09
IKW15N120T2 INFINEON-IKW15N120T2_08 Datasheet
386Kb / 15P
   Low Loss DuoPack : IGBT in 2nd generation TrenchStop technology
Rev. 2.1 Sep 08
IKP20N60T INFINEON-IKP20N60T_08 Datasheet
454Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Sep. 08
IKP06N60T INFINEON-IKP06N60T_07 Datasheet
403Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.3 Sep. 07
IKP15N60T INFINEON-IKP15N60T_07 Datasheet
460Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.2 Sep. 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com