Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE160A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 1.5KE160A
Description  1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1.5KE160A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  1.5KE160A Datasheet HTML 1Page - List of Unclassifed Manufacturers 1.5KE160A Datasheet HTML 2Page - List of Unclassifed Manufacturers 1.5KE160A Datasheet HTML 3Page - List of Unclassifed Manufacturers 1.5KE160A Datasheet HTML 4Page - List of Unclassifed Manufacturers 1.5KE160A Datasheet HTML 5Page - List of Unclassifed Manufacturers 1.5KE160A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
100
50
Ipp
Ipp/2
1
t - time
1 ms
10
µs
Pulse wave form 10/1000
0
25
50
75
100
Temperature in °C
DERATING CURVE
1.5KE
0
50
100
150 175
25
75
125
10
10
2
10
3
10
4
1
Measured at VBR and 1 MHz.
VBR - Breakdown voltage (V)
10
10
2
10
3
10
4
TYPICAL JUNCTION CAPACITANCE
10
2
10
3
10
4
10
5
Pulse time - t
1
µs
10
µs
100
µs
1ms
10ms
PEAK PULSE POWER RATING CURVE
Jun - 00


Similar Part No. - 1.5KE160A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE160A TRSYS-1.5KE160A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE160A LUGUANG-1.5KE160A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
UNIOHM CORPORATION
1.5KE160A UNIOHM-1.5KE160A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
DAESAN ELECTRONIC CORP.
1.5KE160A DAESAN-1.5KE160A Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
1.5KE160A DIOTECH-1.5KE160A Datasheet
1Mb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE160A

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com