Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGP15N60T Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IGP15N60T
Description  Low Loss IGBT in TrenchStop and Fieldstop technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGP15N60T Datasheet(HTML) 3 Page - Infineon Technologies AG

  IGP15N60T Datasheet HTML 1Page - Infineon Technologies AG IGP15N60T Datasheet HTML 2Page - Infineon Technologies AG IGP15N60T Datasheet HTML 3Page - Infineon Technologies AG IGP15N60T Datasheet HTML 4Page - Infineon Technologies AG IGP15N60T Datasheet HTML 5Page - Infineon Technologies AG IGP15N60T Datasheet HTML 6Page - Infineon Technologies AG IGP15N60T Datasheet HTML 7Page - Infineon Technologies AG IGP15N60T Datasheet HTML 8Page - Infineon Technologies AG IGP15N60T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IGP15N60T
TrenchStop Series
q
Power Semiconductors
3
Rev. 2.1 June 06
®
Switching Characteristic, Inductive Load, at Tj=25 °C
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
17
-
Rise time
tr
-
11
-
Turn-off delay time
td(off)
-
188
-
Fall time
tf
-
50
-
ns
Turn-on energy
Eon
-
0.22
-
Turn-off energy
Eoff
-
0.35
-
Total switching energy
Ets
Tj=25°C,
VCC=400V,IC=15A,
VGE=0 /15V,
RG=15Ω,
Lσ
1) =154nH,
Cσ
1) =39pF
Energy losses include
“tail” and diode
reverse recovery.
-
0.57
-
mJ
Switching Characteristic, Inductive Load, at Tj=175 °C
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
17
-
Rise time
tr
-
15
-
Turn-off delay time
td(off)
-
212
-
Fall time
tf
-
79
-
ns
Turn-on energy
Eon
-
0.34
-
Turn-off energy
Eoff
-
0.47
-
Total switching energy
Ets
Tj=175°C,
VCC=400V,IC=15A,
VGE=0/15V,
RG= 15 Ω
Lσ
1) =154nH,
Cσ
1) =39pF
Energy losses include
“tail” and diode
reverse recovery.
-
0.81
-
mJ
1) Leakage inductance Lσ and Stray capacity Cσ due to dynamic test circuit in Figure E.


Similar Part No. - IGP15N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP15N60T INFINEON-IGP15N60T Datasheet
404Kb / 12P
   Low Loss IGBT in TrenchStop짰 and Fieldstop technology
Rev. 2.2 Sep. 07
IGP15N60T INFINEON-IGP15N60T Datasheet
502Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.4 30.04.2015
IGP15N60T INFINEON-IGP15N60T_07 Datasheet
404Kb / 12P
   Low Loss IGBT in TrenchStop짰 and Fieldstop technology
Rev. 2.2 Sep. 07
IGP15N60T INFINEON-IGP15N60T_15 Datasheet
502Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.4 30.04.2015
More results

Similar Description - IGP15N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW60T120 INFINEON-IGW60T120_09 Datasheet
351Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Nov. 09
IGW75N60T INFINEON-IGW75N60T_09 Datasheet
403Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Nov 09
IGB30N60T INFINEON-IGB30N60T Datasheet
358Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IGP10N60T INFINEON-IGP10N60T Datasheet
316Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.2 June 06
IGW40T120 INFINEON-IGW40T120_09 Datasheet
356Kb / 13P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Nov. 09
IGW08T120 INFINEON-IGW08T120 Datasheet
352Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Nov. 09
IGW30N60T INFINEON-IGW30N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGB50N60T INFINEON-IGB50N60T_15 Datasheet
648Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.7 19.05.2015
IGB10N60T INFINEON-IGB10N60T_15 Datasheet
608Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.1 30.04.2015
IGW75N60T INFINEON-IGW75N60T_14 Datasheet
546Kb / 12P
   Low Loss IGBT: IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 20.09.2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com