Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGP06N60T Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IGP06N60T
Description  Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGP06N60T Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IGP06N60T Datasheet HTML 4Page - Infineon Technologies AG IGP06N60T Datasheet HTML 5Page - Infineon Technologies AG IGP06N60T Datasheet HTML 6Page - Infineon Technologies AG IGP06N60T Datasheet HTML 7Page - Infineon Technologies AG IGP06N60T Datasheet HTML 8Page - Infineon Technologies AG IGP06N60T Datasheet HTML 9Page - Infineon Technologies AG IGP06N60T Datasheet HTML 10Page - Infineon Technologies AG IGP06N60T Datasheet HTML 11Page - Infineon Technologies AG IGP06N60T Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IGP06N60T
TrenchStop Series
q
Power Semiconductors
8
Rev. 2.1 June 06
®
0nC
10nC
20nC
30nC
40nC
50nC
0V
5V
10V
15V
480V
120V
0V
10V
20V
10pF
100pF
1nF
C
rss
C
oss
C
iss
QGE, GATE CHARGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 17. Typical gate charge
(IC = 6 A)
Figure 18. Typical capacitance as a function
of collector-emitter voltage
(VGE=0V, f = 1 MHz)
12V
14V
16V
18V
0A
20A
40A
60A
80A
10V
11V
12V
13V
14V
0µs
2µs
4µs
6µs
8µs
10µs
12µs
VGE, GATE-EMITTETR VOLTAGE
VGE, GATE-EMITETR VOLTAGE
Figure 19. Typical short circuit collector
current as a function of gate-
emitter voltage
(VCE ≤ 400V, Tj ≤ 150°C)
Figure 20. Short circuit withstand time as a
function of gate-emitter voltage
(VCE=600V, start at TJ=25°C,
TJmax<150°C)


Similar Part No. - IGP06N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP06N60T INFINEON-IGP06N60T Datasheet
376Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IGP06N60T INFINEON-IGP06N60T Datasheet
494Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.3 20.09.2013
IGP06N60T INFINEON-IGP06N60T_13 Datasheet
494Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.3 20.09.2013
More results

Similar Description - IGP06N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP06N60T INFINEON-IGP06N60T Datasheet
376Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IKP20N60T INFINEON-IKP20N60T_08 Datasheet
454Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Sep. 08
IKP04N60T INFINEON-IKP04N60T_09 Datasheet
566Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Feb. 09
IKP06N60T INFINEON-IKP06N60T_07 Datasheet
403Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.3 Sep. 07
IKP15N60T INFINEON-IKP15N60T_07 Datasheet
460Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.2 Sep. 07
IKW50N60T INFINEON-IKW50N60T_08 Datasheet
417Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Sep 08
IKW75N60T INFINEON-IKW75N60T_08 Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Sep 08
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
IGW60T120 INFINEON-IGW60T120_09 Datasheet
351Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Nov. 09
IGW75N60T INFINEON-IGW75N60T_09 Datasheet
403Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Nov 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com