Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGB30N60T Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IGB30N60T
Description  Low Loss IGBT in TrenchStop and Fieldstop technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGB30N60T Datasheet(HTML) 1 Page - Infineon Technologies AG

  IGB30N60T Datasheet HTML 1Page - Infineon Technologies AG IGB30N60T Datasheet HTML 2Page - Infineon Technologies AG IGB30N60T Datasheet HTML 3Page - Infineon Technologies AG IGB30N60T Datasheet HTML 4Page - Infineon Technologies AG IGB30N60T Datasheet HTML 5Page - Infineon Technologies AG IGB30N60T Datasheet HTML 6Page - Infineon Technologies AG IGB30N60T Datasheet HTML 7Page - Infineon Technologies AG IGB30N60T Datasheet HTML 8Page - Infineon Technologies AG IGB30N60T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IGB30N60T
TrenchStop Series
q
Power Semiconductors
1
Rev. 2.1 June 06
®
Low Loss IGBT in TrenchStop and Fieldstop technology
Very low VCE(sat) 1.5 V (typ.)
Maximum Junction Temperature 175 °C
Short circuit withstand time – 5
µs
Designed for :
- Frequency Converters
- Uninterruptible Power Supply
TrenchStop and Fieldstop technology for 600 V applications
offers :
- very tight parameter distribution
- high ruggedness, temperature stable behavior
- very high switching speed
Positive temperature coefficient in VCE(sat)
Low EMI
Pb-free lead plating; RoHS compliant
Qualified according to JEDEC
1 for target applications
Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/
Type
VCE
IC
VCE(sat),Tj=25°C
Tj,max
Marking Code
Package
IGB30N60T
600V
30A
1.5V
175
°C
G30T60
P-TO-263-3-2
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCE
600
V
DC collector current, limited by Tjmax
TC = 25°C
TC = 100°C
IC
60
30
Pulsed collector current, tp limited by Tjmax
ICpul s
90
Turn off safe operating area (VCE ≤ 600V, Tj ≤ 175°C)
-
90
A
Gate-emitter voltage
VGE
±20
V
Short circuit withstand time
2)
VGE = 15V, VCC ≤ 400V, Tj ≤ 150°C
tSC
5
µs
Power dissipation TC = 25°C
Ptot
187
W
Operating junction temperature
Tj
-40...+175
Storage temperature
Tstg
-55...+175
Soldering temperature (reflow soldering, MSL1)
-
220
°C
1 J-STD-020 and JESD-022
2) Allowed number of short circuits: <1000; time between short circuits: >1s.
G
C
E
P-TO-263-3-2
®
®


Similar Part No. - IGB30N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB30N60T INFINEON-IGB30N60T Datasheet
465Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.3 04.03.2009
IGB30N60T INFINEON-IGB30N60T Datasheet
674Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 19.05.2015
IGB30N60T INFINEON-IGB30N60T_09 Datasheet
465Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.3 04.03.2009
IGB30N60T INFINEON-IGB30N60T_15 Datasheet
674Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 19.05.2015
More results

Similar Description - IGB30N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW60T120 INFINEON-IGW60T120_09 Datasheet
351Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Nov. 09
IGW75N60T INFINEON-IGW75N60T_09 Datasheet
403Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Nov 09
IGP15N60T INFINEON-IGP15N60T Datasheet
362Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IGP10N60T INFINEON-IGP10N60T Datasheet
316Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.2 June 06
IGW40T120 INFINEON-IGW40T120_09 Datasheet
356Kb / 13P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Nov. 09
IGW08T120 INFINEON-IGW08T120 Datasheet
352Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Nov. 09
IGW30N60T INFINEON-IGW30N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGB50N60T INFINEON-IGB50N60T_15 Datasheet
648Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.7 19.05.2015
IGB10N60T INFINEON-IGB10N60T_15 Datasheet
608Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.1 30.04.2015
IGW75N60T INFINEON-IGW75N60T_14 Datasheet
546Kb / 12P
   Low Loss IGBT: IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 20.09.2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com