Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3B0365L Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ICE3B0365L
Description  Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS??and Latched off Mode
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3B0365L Datasheet(HTML) 3 Page - Infineon Technologies AG

  ICE3B0365L Datasheet HTML 1Page - Infineon Technologies AG ICE3B0365L Datasheet HTML 2Page - Infineon Technologies AG ICE3B0365L Datasheet HTML 3Page - Infineon Technologies AG ICE3B0365L Datasheet HTML 4Page - Infineon Technologies AG ICE3B0365L Datasheet HTML 5Page - Infineon Technologies AG ICE3B0365L Datasheet HTML 6Page - Infineon Technologies AG ICE3B0365L Datasheet HTML 7Page - Infineon Technologies AG ICE3B0365L Datasheet HTML 8Page - Infineon Technologies AG ICE3B0365L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Type
Package
Marking
VDS
FOSC
RDSon
1)
1)
typ @ T=25°C
230VAC ±15%2)
2)
Calculated maximum input power rating at Ta=75°C, Tj=125°C and without copper area as heat sink.
85-265 VAC2)
ICE3B0365L
ICE3A1065L
ICE3A1565L
PG-DIP-8-6
PG-DIP-8-6
PG-DIP-8-6
ICE3B0365L
ICE3A1065L
ICE3A1565L
650V
650V
650V
67KHz
100kHz
100KHz
6.45
2.95
1.70
22W
32W
42W
10W
16W
20W
Version 2.0
3
8 May 2006
CoolSET™-F3
ICE3xxx65L
Off-Line SMPS Current Mode Controller with
integrated 650V Startup Cell/Depletion
CoolMOS™ and Latched off Mode
test
PG-DIP-8-6
Description
The new generation CoolSET™-F3 Controller provides
Active Burst Mode to reach the lowest Standby Power
Requirements <100mW at no load. As the controller is
always active during Active Burst Mode, there is an
immediate response on load jumps without any black out
in the SMPS. In Active Burst Mode the ripple of the output
voltage can be reduced <1%. Furthermore, to increase the
robustness and safety of the system, the device enters
into Latched Off Mode in the cases of Overtemperature,
Overvoltage or Short Winding. The Latched Off Mode can
only be reset by disconnecting the main line. Auto Restart
Mode is entered for cases like open loop or overload. By
means of an internal precise peak current limitation, the
dimension of the transformer and the secondary diode can
be lowered which leads to more cost efficiency. An
adjustable blanking window prevents the IC from entering
Auto Restart Mode or Active Burst Mode unintentionally in
case of high load jumps.
Product Highlights
• Active Burst Mode to reach the lowest Standby Power
Requirements < 100mW
• Latched Off Mode and Auto Restart Mode to increase
robustness and safety of the system
• Adjustable Blanking Window for high load jumps to
increase system reliability
• Pb-free lead plating DIP package; RoHS compilant
Features
• 650V avalanche rugged CoolMOS™ with built in
switchable Startup Cell
• Active Burst Mode for lowest Standby Power
@ light load controlled by Feedback Signal
• Fast load jump response in Active Burst Mode
• 67/100kHz internally fixed switching frequency
• Latched Off Mode for Overtemperature Detection
• Latched Off Mode for Overvoltage Detection
• Latched Off Mode for Short Winding Detection
• Auto Restart Mode for Overload and Open Loop
• Auto Restart Mode for VCC Undervoltage
• Blanking Window for short duration high current
• User defined Soft Start
• Minimum of external components required
• Max Duty Cycle 72%
• Overall tolerance of Current Limiting
< ±5%
• Internal PWM Leading Edge Blanking
• Soft driving for low EMI
C
SoftS
C
VCC
C
Bulk
Converter
DC Output
+
Snubber
Power Management
PWM Controller
Current Mode
85 ... 270 VAC
Typical Application
R
Sense
SoftS
FB
GND
Active Burst Mode
Latched Off Mode
Auto Restart Mode
Control
Unit
-
CS
VCC
Startup Cell
Precise Low Tolerance Peak
Current Limitation
Drain
CoolSET™-F3
with Latch off Mode
CoolMOS™


Similar Part No. - ICE3B0365L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365 INFINEON-ICE3B0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365 INFINEON-ICE3B0365 Datasheet
818Kb / 32P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365J INFINEON-ICE3B0365J Datasheet
988Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.6, 4 Jul 2011
ICE3B0365J INFINEON-ICE3B0365J Datasheet
938Kb / 28P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V
Version 2.9, 25 Mar 2013
More results

Similar Description - ICE3B0365L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
ICE3A1065 INFINEON-ICE3A1065 Datasheet
818Kb / 32P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/ Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3A0365 INFINEON-ICE3A0365_13 Datasheet
818Kb / 32P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3BS02L INFINEON-ICE3BS02L Datasheet
506Kb / 21P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell and Latched off Mode
Version 1.1, 28 Sep 2005
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3BR2565JF INFINEON-ICE3BR2565JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com