Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALS645AN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALS645AN
Description  Octal transceiver 3-State
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS645AN Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALS645AN Datasheet HTML 1Page - NXP Semiconductors 74ALS645AN Datasheet HTML 2Page - NXP Semiconductors 74ALS645AN Datasheet HTML 3Page - NXP Semiconductors 74ALS645AN Datasheet HTML 4Page - NXP Semiconductors 74ALS645AN Datasheet HTML 5Page - NXP Semiconductors 74ALS645AN Datasheet HTML 6Page - NXP Semiconductors 74ALS645AN Datasheet HTML 7Page - NXP Semiconductors 74ALS645AN Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
74ALS645A/74ALS645A-1
Octal transceiver (3-State)
1991 Jun 03
4
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VCC±10%, VIL = MAX,
IOH = –0.4mA
VCC – 2
V
VOH
High-level output voltage
CC
,
IL
,
VIH = MIN
IOH = –3mA
2.4
3.2
V
VOH
High level out ut voltage
VCC = MIN, VIL = MAX,
VIH = MIN
IOH = –15mA
2.0
V
All versions
VCC = MIN, VIL = MAX,
IOL = 12mA
0.25
0.40
V
VOL
Low-level output voltage
All versions
CC
,
IL
,
VIH = MIN
IOL = 24mA
0.35
0.50
V
VOL
Low level out ut voltage
-1 version
VCC = 4.75V, VIL = MAX,
VIH = MIN
IOL = 48mA
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.5
V
I
Input current at maxi-
OE or T/R
VCC = MAX, VI = 7.0V
0.1
mA
II
mum input voltage
A or B ports
VCC = MAX, VI = 5.5V
0.1
mA
IIH
High-level input current3
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current3
VCC = MAX, VI = 0.4V
–0.1
mA
IO
Output current4
VCC = MAX, VO = 2.25V
–30
–112
mA
ICCH
28
45
mA
ICC
Supply current (total)
ICCL
VCC = MAX
40
55
mA
ICCZ
44
58
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. For I/O ports, the parameter IIH and IIL include the off-state current.
4. The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tPLH
tPHL
Propagation delay
An to Bn, Bn to An
Waveform 1
2.0
2.0
10.0
10.0
ns
tPZH
tPZL
Output enable time
to High or Low level
Waveform 2
Waveform 3
3.0
3.0
20.0
20.0
ns
tPHZ
tPLZ
Output disable time
from High or Low level
Waveform 2
Waveform 3
2.0
4.0
10.0
15.0
ns


Similar Part No. - 74ALS645AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS646 PHILIPS-74ALS646 Datasheet
155Kb / 13P
   Transceiver/register
1991 Feb 08
74ALS646-1 PHILIPS-74ALS646-1 Datasheet
155Kb / 13P
   Transceiver/register
1991 Feb 08
74ALS646-1D PHILIPS-74ALS646-1D Datasheet
155Kb / 13P
   Transceiver/register
1991 Feb 08
74ALS646-1N PHILIPS-74ALS646-1N Datasheet
155Kb / 13P
   Transceiver/register
1991 Feb 08
74ALS646D PHILIPS-74ALS646D Datasheet
155Kb / 13P
   Transceiver/register
1991 Feb 08
More results

Similar Description - 74ALS645AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC245A ONSEMI-MM74HC245A Datasheet
212Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
logo
Nexperia B.V. All right...
74F245 NEXPERIA-74F245 Datasheet
213Kb / 11P
   Octal transceiver (3-State)
November 15, 1994
logo
Fairchild Semiconductor
DM74ALS5245 FAIRCHILD-DM74ALS5245 Datasheet
78Kb / 7P
   Octal 3-STATE Transceiver
logo
NXP Semiconductors
74F245 PHILIPS-74F245 Datasheet
91Kb / 10P
   Octal transceiver 3-State
1994 Nov 15
logo
ON Semiconductor
MM74HCT245 ONSEMI-MM74HCT245 Datasheet
213Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
logo
NXP Semiconductors
74ALS245A PHILIPS-74ALS245A Datasheet
116Kb / 10P
   Octal transceiver 3-State
1991 Jun 03
logo
Fairchild Semiconductor
MM74HCT245 FAIRCHILD-MM74HCT245 Datasheet
107Kb / 8P
   Octal 3-STATE Transceiver
MM74HC245A FAIRCHILD-MM74HC245A Datasheet
94Kb / 8P
   Octal 3-STATE Transceiver
MM74HCT245 FAIRCHILD-MM74HCT245 Datasheet
103Kb / 7P
   Octal 3-STATE Transceiver
logo
NXP Semiconductors
74F1245 PHILIPS-74F1245 Datasheet
86Kb / 10P
   Octal transceiver 3-State
1995 Mar 01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com