Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1206B2R00FWTR Datasheet(PDF) 1 Page - AVX Corporation

Part # F1206B2R00FWTR
Description  Accu-Guard SMD Thin-Film Fuse
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F1206B2R00FWTR Datasheet(HTML) 1 Page - AVX Corporation

  F1206B2R00FWTR Datasheet HTML 1Page - AVX Corporation F1206B2R00FWTR Datasheet HTML 2Page - AVX Corporation F1206B2R00FWTR Datasheet HTML 3Page - AVX Corporation F1206B2R00FWTR Datasheet HTML 4Page - AVX Corporation F1206B2R00FWTR Datasheet HTML 5Page - AVX Corporation F1206B2R00FWTR Datasheet HTML 6Page - AVX Corporation F1206B2R00FWTR Datasheet HTML 7Page - AVX Corporation F1206B2R00FWTR Datasheet HTML 8Page - AVX Corporation F1206B2R00FWTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2
Accu-Guard®
SMD Thin-Film Fuse
ACCU-GUARD® TECHNOLOGY
The Accu-Guard® series of fuses is based on thin-film tech-
niques. This technology provides a level of control on the
component electrical and physical characteristics that is
generally not possible with standard fuse technologies. This
has allowed AVX to offer a series of devices which are
designed for modern surface mount circuit boards which
require protection.
FEATURES
• Accurate current rating
• Fast acting
• Small-standard 0402, 0603, 0805, 1206 and 0612
chip sizes
• Taped and reeled
• Completely compatible with all soldering systems
used for SMT
• Lead Free Series (F0402E, F0603E)
APPLICATIONS
• Cellular Telephones
• Two-Way Radios
• Computers
• Battery Chargers
• Rechargeable Battery Packs
• Hard Disk Drives
• PDA’s
• LCD Screens
• SCSI Interface
• Digital Cameras
• Video Cameras
APPROVAL FILE NUMBERS
• UL, cUL:
RCD#E143842
F
Product
Fuse
1206
Size
See table for
standard sizes
A
Fuse Version
A=Accu-Guard®
B=Accu-Guard® II
C=Accu-Guard® II
0603
D=Accu-Guard® II
0612
E=Accu-Guard® II
0402, 0603
0R20
Rated Current
Current expressed in
Amps. Letter R
denotes decimal
point. e.g.
0.20A=0R20
1.75A=1R75
F
Fuse Speed
F=Fast
W
Termination
S=Nickel/Lead-
Free Solder
=coated
(Sn 100)
W=Nickel/solder
=coated
(Sn 63, Pb 37)
TR
Packaging
TR=Tape and reel
HOW TO ORDER
DIMENSIONS
L
T
B
1
W
B
2
STANDARD SIZES: millimeters (inches)
F0402E
F0603E
F0603C
F0805B
F1206A/B
F0603D
L
1.00±0.10
1.60±0.10
1.65±0.25
2.1±0.2
3.1±0.2
1.65±0.25
(0.039±0.004)
(0.063±0.004)
(0.065±0.010)
(0.083±0.008)
(0.122±0.008)
(0.065±0.010)
W
0.55±0.07
0.81±0.10
0.80±0.15
1.27±0.1
1.6±0.1
3.1±0.2
(0.022±0.003)
(0.032±0.004)
(0.031±0.006)
(0.050±0.004)
(0.063±0.004)
(0.122±0.008)
T
0.40±0.10
0.63±0.10
0.90±0.2
0.90±0.2
1.2±0.2
0.90±0.2
(0.016±0.004)
(0.025±0.004)
(0.035±0.008)
(0.035±0.008)
(0.047±0.008)
(0.036±0.008)
B
0.20±0.10
0.35±0.15
0.35±0.15
0.30±0.15
0.43±0.25
0.35±0.15
(0.008±0.004)
(0.014±0.006)
(0.014±0.006)
(0.012±0.006)
(0.017±0.010)
(0.014±0.006)
F0603C, F0805B, F1206A and F1206B
DIMENSIONS
B
T
L
W
F0402E and F0603E


Similar Part No. - F1206B2R00FWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F1206B2R00FW/STR AVX-F1206B2R00FW/STR Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
F1206B2R00FWSTR AVX-F1206B2R00FWSTR Datasheet
266Kb / 17P
   Accu-Guard짰 II SMD Thin-Film Fuse
More results

Similar Description - F1206B2R00FWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR Datasheet
315Kb / 23P
   Accu-Guard, SMD Thin-Film Fuse
F1206B3R00FSTR AVX-F1206B3R00FSTR Datasheet
195Kb / 12P
   Accu-Guard SMD Thin-Film Fuse
F1206B0R25FSTR AVX-F1206B0R25FSTR Datasheet
266Kb / 17P
   Accu-Guard짰 II SMD Thin-Film Fuse
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
F1206A AVX-F1206A Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
   Accu-Guard II Low Current Miniature 0402 Size Thin-Film Fuses
06035J3R3BBTTR AVX-06035J3R3BBTTR Datasheet
458Kb / 20P
   Accu-F Accu-P Thin-Film RF/Microwave Capacitors
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com