Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T7023-PES Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T7023-PES
Description  Bluetooth 2.4-GHz Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7023-PES Datasheet(HTML) 4 Page - ATMEL Corporation

  T7023-PES Datasheet HTML 1Page - ATMEL Corporation T7023-PES Datasheet HTML 2Page - ATMEL Corporation T7023-PES Datasheet HTML 3Page - ATMEL Corporation T7023-PES Datasheet HTML 4Page - ATMEL Corporation T7023-PES Datasheet HTML 5Page - ATMEL Corporation T7023-PES Datasheet HTML 6Page - ATMEL Corporation T7023-PES Datasheet HTML 7Page - ATMEL Corporation T7023-PES Datasheet HTML 8Page - ATMEL Corporation T7023-PES Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
T7023
4532B–BLURF–01/03
Electrical Characteristics
Test conditions (unless otherwise specified): VS = 3.0 V, Tamb = 25°C
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Power Amplifier
(1)
Supply voltage
Pins V1_PA, V2_PA and
V3_PA_OUT
V
S
2.7
3.0
4.6
V
Supply current
TX
I
S_TX
165
mA
Standby
I
S_standby
10
µA
Frequency range
TX
f
2.4
2.5
GHz
Gain-control range
TX
DGp
60
42
dB
Power gain maximum
TX
Pin PA_IN to V3_PA_OUT
Gp
28
30
33
dB
Power gain minimum
TX
Pin PA_IN to V3_PA_OUT
Gp
-40
-17
dB
Ramping voltage maximum
TX, power gain (maximum)
Pin RAMP
VRAMP max
1.7
1.75
1.83
V
Ramping voltage minimum
TX, power gain (minimum)
Pin RAMP
V
RAMP min
0.1
V
Ramping current maximum
V = 1.75 V
0.5
mA
Power-added efficiency
TX
PAE
35
42
%
Saturated output power
TX, input power = 0 dBm
referred to Pins V3_PA_OUT
P
sat
22
23
24
dBm
Input matching
(2)
TX, Pin PA_IN
Load VSWR
<1.5:1
Output matching
(2)
TX, Pin V3_PA_OUT
Load VSWR
<1.5:1
Harmonics
at Psat = 23 dBm
TX, Pin V3_PA_OUT
2 fo
-30
dBc
Harmonics
at P
sat = 23 dBm
TX, Pin V3_PA_OUT
3 f
o
-30
dBc
Notes:
1. Power amplifier shall be unconditionally stable, maximum duty cycle 100%, true CW operation, maximum load mismatch
and duration: VSWR 10:1 (all phases) 10 s, Z
G = 50 W.
2. With external matching network, load impedance 50
W


Similar Part No. - T7023-PES

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7024 ATMEL-T7024 Datasheet
377Kb / 18P
   Bluetooth??ISM 2.4-GHz Front- End IC
T7024 ATMEL-T7024 Datasheet
351Kb / 19P
   Bluetooth/ISM 2.4-GHz Front-End IC
T7024 ATMEL-T7024 Datasheet
1Mb / 15P
   Bluetooth/ISM 2.4-GHz Front-end IC
T7024-PGM ATMEL-T7024-PGM Datasheet
351Kb / 19P
   Bluetooth/ISM 2.4-GHz Front-End IC
T7024-PGP ATMEL-T7024-PGP Datasheet
377Kb / 18P
   Bluetooth??ISM 2.4-GHz Front- End IC
More results

Similar Description - T7023-PES

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
   RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
PA2423L SIGE-PA2423L Datasheet
367Kb / 11P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423MB SIGE-PA2423MB Datasheet
370Kb / 10P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Production Information
PA2423G SIGE-PA2423G Datasheet
388Kb / 9P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
logo
Skyworks Solutions Inc.
SE2433T SKYWORKS-SE2433T Datasheet
1Mb / 13P
   2.4 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
   2.4 GHz Power Amplifier
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
   2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com