Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22224161XXX4 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 22224161XXX4
Description  Metallized polypropylene filter capacitors
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

22224161XXX4 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 22224161XXX4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 22224161XXX4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 22224161XXX4 Datasheet HTML 6Page - List of Unclassifed Manufacturers 22224161XXX4 Datasheet HTML 7Page - List of Unclassifed Manufacturers 22224161XXX4 Datasheet HTML 8Page - List of Unclassifed Manufacturers 22224161XXX4 Datasheet HTML 9Page - List of Unclassifed Manufacturers 22224161XXX4 Datasheet HTML 10Page - List of Unclassifed Manufacturers 22224161XXX4 Datasheet HTML 11Page - List of Unclassifed Manufacturers 22224161XXX4 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
2002 Oct 09
8
BCcomponents
Product specification
Metallized polypropylene filter capacitors
MKP 416
URdc =
=== 63 V; URac ==== 25 V; Up-p ==== 70 V
C
(E 24)
(
µµµµF)
DIMENSIONS
b
×××× h ×××× l
(mm)
MASS
(g)
CATALOGUE NUMBER 2222 416 ..... AND PACKAGING
REEL
LOOSE IN BOX
H
==== 18.5 mm; P0 ==== 12.7 mm
lt =
=== 3.5 ±0.3 mm
C-tol
=±2%
C-tol
=±2%
last 5 digits of
catalogue number
SPQ
last 5 digits of
catalogue number
SPQ
Pitch
==== 15.0 ±±±±0.4 mm; dt ==== 0.80 ±±±±0.08 mm
0.3
6.0
× 12.0 × 17.5
1.4
13004
900
73004
1000
0.33
13304
73304
0.36
13604
73604
0.39
13904
73904
0.43
7.0
× 13.5 × 17.5
1.9
14304
800
74304
750
0.47
14704
74704
0.51
15104
75104
0.56
15604
75604
0.62
8.5
× 15.0 × 17.5
2.6
16204
650
76204
750
0.68
16804
76804
0.75
17504
77504
0.82
18204
78204
0.91
10.0
× 16.5 × 17.5
3.1
19104
600
79104
500
1.0
11005
71005
1.1
11105
71105


Similar Part No. - 22224161XXX4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2222405 VISHAY-2222405 Datasheet
134Kb / 3P
   Integrated Passive Device (Capacitor and Varistor)
Revision: 08-Aug-03
222246925104 VISHAY-222246925104 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
222246925105 VISHAY-222246925105 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
222246925124 VISHAY-222246925124 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
222246925154 VISHAY-222246925154 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
More results

Similar Description - 22224161XXX4

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors
logo
Electronic Film Capacit...
1213DFR EFC-1213DFR Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213TF EFC-1213TF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213TC EFC-1213TC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EC EFC-1213EC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRA EFC-1213EFRA Datasheet
13Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRB EFC-1213EFRB Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213EF EFC-1213EF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
logo
List of Unclassifed Man...
935 ETC-935 Datasheet
205Kb / 6P
   METALLIZED POLYPROPYLENE CAPACITORS
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com