Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54LV08AJ Datasheet(PDF) 8 Page - Texas Instruments

Part # SNJ54LV08AJ
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54LV08AJ Datasheet(HTML) 8 Page - Texas Instruments

Back Button SNJ54LV08AJ Datasheet HTML 4Page - Texas Instruments SNJ54LV08AJ Datasheet HTML 5Page - Texas Instruments SNJ54LV08AJ Datasheet HTML 6Page - Texas Instruments SNJ54LV08AJ Datasheet HTML 7Page - Texas Instruments SNJ54LV08AJ Datasheet HTML 8Page - Texas Instruments SNJ54LV08AJ Datasheet HTML 9Page - Texas Instruments SNJ54LV08AJ Datasheet HTML 10Page - Texas Instruments SNJ54LV08AJ Datasheet HTML 11Page - Texas Instruments SNJ54LV08AJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - SNJ54LV08AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54LV08AJ TI-SNJ54LV08AJ Datasheet
799Kb / 18P
[Old version datasheet]   QUADRUPLE2-INPUT POSITIVE-AND GATES
SNJ54LV08AJ TI-SNJ54LV08AJ Datasheet
829Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Similar Description - SNJ54LV08AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com